Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM145 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM145
Description  Negative Three Amp Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM145 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM145 Datasheet HTML 1Page - National Semiconductor (TI) LM145 Datasheet HTML 2Page - National Semiconductor (TI) LM145 Datasheet HTML 3Page - National Semiconductor (TI) LM145 Datasheet HTML 4Page - National Semiconductor (TI) LM145 Datasheet HTML 5Page - National Semiconductor (TI) LM145 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLH7785
January 1995
LM145LM345 Negative Three Amp Regulator
General Description
The LM145 is a three-terminal negative regulator with a
fixed output voltage of b5V and up to 3A load current capa-
bility This device needs only one external componenta
compensation capacitor at the output making it easy to ap-
ply Worst case guarantees on output voltage deviation due
to any combination of line load or temperature variation
assure satisfactory system operation
Exceptional effort has been made to make the LM145 im-
mune to overload conditions The regulator has current lim-
iting which is independent of temperature combined with
thermal overload protection Internal current limiting pro-
tects against momentary faults while thermal shutdown pre-
vents junction temperatures from exceeding safe limits dur-
ing prolonged overloads
Although primarily intended for fixed output voltage applica-
tions the LM145 may be programmed for higher output volt-
ages with a simple resistive divider The low quiescent drain
current of the device allows this technique to be used with
good regulation
The LM145 comes in a hermetic TO-3 package rated at
25W A reduced temperature range part LM345 is also avail-
able
Features
Y
Output voltage accurate to better than g2%
Y
Current limit constant with temperature
Y
Internal thermal shutdown protection
Y
Operates with input-output voltage differential of 28V at
full rated load over full temperature range
Y
Regulation guaranteed with 25W power dissipation
Y
3A output current guaranteed
Y
Only one external component needed
Y
Pa Product Enhancement tested
Schematic Diagram
TLH7785 – 1
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - LM145

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1458 NSC-LM1458 Datasheet
124Kb / 6P
Dual Operational Amplifier
logo
Fairchild Semiconductor
LM1458 FAIRCHILD-LM1458 Datasheet
63Kb / 10P
Dual Operational Amplifier
logo
Intersil Corporation
LM1458 INTERSIL-LM1458 Datasheet
72Kb / 6P
0.9MHz Single and Dual, High Gain Operational Amplifiers for Military, Industrial and Commercial Applications
September 1998
logo
National Semiconductor ...
LM1458 NSC-LM1458 Datasheet
127Kb / 5P
Dual Operational Amplifier
logo
Harris Corporation
LM1458 HARRIS-LM1458 Datasheet
421Kb / 6P
HIGH-GAIN SINGLE AND DUAL OPERATIONAL AMPLIFIERS FOR MILITARY INDUSTRIAL AND COMMERCIAL APPLICATIONS
More results

Similar Description - LM145

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
CJ79L05-SOT-23-3L JIANGSU-CJ79L05-SOT-23-3L Datasheet
135Kb / 2P
Three-terminal negative voltage regulator
CJ79L09-SOT-23-3L JIANGSU-CJ79L09-SOT-23-3L Datasheet
135Kb / 2P
Three-terminal negative voltage regulator
logo
Guangdong Kexin Industr...
LM79L15 KEXIN-LM79L15 Datasheet
64Kb / 1P
Three-terminal Negative Voltage Regulator
logo
Shenzhen Jin Yu Semicon...
LM79L12 HTSEMI-LM79L12 Datasheet
988Kb / 2P
Three-terminal negative voltage regulator
logo
SHENZHEN YONGERJIA INDU...
WEJ78L08 WINNERJOIN-WEJ78L08_15 Datasheet
143Kb / 1P
Three-terminal negative voltage regulator
WEJ79L09 WINNERJOIN-WEJ79L09 Datasheet
128Kb / 1P
Three-terminal negative voltage regulator
logo
Guangdong Kexin Industr...
KA090Q05 KEXIN-KA090Q05 Datasheet
175Kb / 1P
Three-Terminal Negative Voltage Regulator
KA190O08 KEXIN-KA190O08 Datasheet
142Kb / 1P
Three-Terminal Negative Voltage Regulator
logo
SHIKUES Electronics
79L05 SKTECHNOLGY-79L05 Datasheet
3Mb / 4P
Three-terminal negative voltage regulator
logo
Shenzhen Luguang Electr...
79L05 LUGUANG-79L05 Datasheet
1Mb / 3P
Three-terminal negative voltage regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com