Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR540ART-R2 Datasheet(PDF) 6 Page - Analog Devices

Part # ADR540ART-R2
Description  High Precision Shunt Mode Voltage References
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR540ART-R2 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADR540ART-R2 Datasheet HTML 2Page - Analog Devices ADR540ART-R2 Datasheet HTML 3Page - Analog Devices ADR540ART-R2 Datasheet HTML 4Page - Analog Devices ADR540ART-R2 Datasheet HTML 5Page - Analog Devices ADR540ART-R2 Datasheet HTML 6Page - Analog Devices ADR540ART-R2 Datasheet HTML 7Page - Analog Devices ADR540ART-R2 Datasheet HTML 8Page - Analog Devices ADR540ART-R2 Datasheet HTML 9Page - Analog Devices ADR540ART-R2 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADR520/ADR525/ADR530/ADR540/ADR550
Rev. A | Page 6 of 16
ABSOLUTE MAXIMUM RATINGS
Ratings apply at 25°C, unless otherwise noted.
Table 7.
Parameter
Rating
Reverse Current
25 mA
Forward Current
20 mA
Storage Temperature Range
–65°C to +150°C
Industrial Temperature Range
–40°C to +85°C
Junction Temperature Range
–65°C to +150°C
Lead Temperature Range (Soldering, 60 sec)
300°C
Package Type
θJA1
θJC
Unit
3-Lead SC70 (KS)
376
°C/W
3-Lead SOT-23 (RT)
230
146
°C/W
1 θJA is specified for worst-case conditions, i.e., θJA is specified for devices
soldered on circuit boards for surface-mount packages. Contact factory for
latest information on release dates.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those listed in the operational sections
of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com