Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2523 Datasheet(PDF) 14 Page - ams AG

Part # AS2523
Description  Telephone Line Interface and Speakerphone Circuit
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2523 Datasheet(HTML) 14 Page - ams AG

Back Button AS2523 Datasheet HTML 10Page - ams AG AS2523 Datasheet HTML 11Page - ams AG AS2523 Datasheet HTML 12Page - ams AG AS2523 Datasheet HTML 13Page - ams AG AS2523 Datasheet HTML 14Page - ams AG AS2523 Datasheet HTML 15Page - ams AG AS2523 Datasheet HTML 16Page - ams AG AS2523 Datasheet HTML 17Page - ams AG AS2523 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Data Sheet AS2523, AS2524, AS2524B
austriamicrosystems
Revision 1.12, Preliminary
Page 14 of 19
Symbol
Parameter
Conditions
Min
Type
Max
Units
Test
ZIN-M1/2 Input Impedance
M1/M2
10
k
Ω
N
ZIN-M3/4 Input Impedance
M3/M4
10
k
Ω
N
VINmax
Input Voltage Range
M1/2 - M3/4
differential
±1
Vp
N
VNO
Noise Output Voltage
LS
TAMP=25°C
Handset mode
Gain = 36.5dB
-72
dBmp
Y
AMUTE
Mute Attenuation
Mute activated
60
dB
Y
Receive characteristics
ILine=15mA f=800Hz, default settings unless other specified
Symbol
Parameter
Conditions
Min
Type
Max
Units
Test
ARO
Receive Gain
LS
→ RO
ZAC(syn)=1000Ω
Vol default
6+7.59
dB
Y
ALO12
Receive Gain
LS
→ LO
ZAC(syn)=1000Ω
Vol maximum
+32.0
+34
+36.0
dB
Y
∆ARX
Variation with frequency
f=500Hz to 3.4kHz
±0.8
dB
N
AVRRO
Control range
LS
→ RO
16 steps
-7/+8
dBr
N
AVRLS
Control range
LS
→ LO
16 steps
-7/+8
dBr
N
THDLS
Distortion LO
VLS=0.25VRMS
5%
Y
THDRO
Distortion RO
VLS =0.25VRMS
2%
Y
VUFC
Unwanted Freq. Cmp.
f = 200 … 20kHz
-60
dBm
Y
VAGCRO Soft Clip Level
RO
1VP
N
VAGCLS
Soft Clip Level
LO
1.1
VP
N
ASCLS
Soft Clip Overdrive
LO
10
dB
N
Tattack
Attack time
70
us/6dB
N
Tdecay
Decay time
100
ms/6dB
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com