Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM146 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM146
Description  Programmable Quad Operational Amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM146 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM146 Datasheet HTML 1Page - National Semiconductor (TI) LM146 Datasheet HTML 2Page - National Semiconductor (TI) LM146 Datasheet HTML 3Page - National Semiconductor (TI) LM146 Datasheet HTML 4Page - National Semiconductor (TI) LM146 Datasheet HTML 5Page - National Semiconductor (TI) LM146 Datasheet HTML 6Page - National Semiconductor (TI) LM146 Datasheet HTML 7Page - National Semiconductor (TI) LM146 Datasheet HTML 8Page - National Semiconductor (TI) LM146 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Absolute Maximum Ratings (Notes 1, 5)
If Military/Aerospace specified devices are required, please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
LM146
LM346
Supply Voltage
±22V
±18V
Differential Input Voltage (Note 1)
±30V
±30V
CM Input Voltage (Note 1)
±15V
±15V
Power Dissipation (Note 2)
900 mW
500 mW
Output Short-Circuit Duration (Note 3)
Continuous
Continuous
Operating Temperature Range
−55˚C to +125˚C
0˚C to +70˚C
Maximum Junction Temperature
150˚C
100˚C
Storage Temperature Range
−65˚C to +150˚C
−65˚C to +150˚C
Lead Temperature (Soldering, 10 seconds)
260˚C
260˚C
Thermal Resistance (
θ
jA), (Note 2)
Cavity DIP (J)
Pd
900 mW
900 mW
θ
jA
100˚C/W
100˚C/W
Small Outline (M)
θ
jA
115˚C/W
Molded DIP (N)
Pd
500 mW
θ
jA
90˚C/W
Soldering Information
Dual-In-Line Package
Soldering (10 seconds)
+260˚C
+260˚C
Small Outline Package
Vapor Phase (60 seconds)
+215˚C
+215˚C
Infrared (15 seconds)
+220˚C
+220˚C
See AN-450 “Surface Mounting Methods and Their Effect on Product Reliability” for other methods of soldering surface mount de-
vices.
ESD rating is to be determined.
DC Electrical Characteristics
(V
S= ±15V, ISET=10 µA), (Note 4)
Parameter
Conditions
LM146
LM346
Units
Min
Typ
Max
Min
Typ
Max
Input Offset Voltage
V
CM=0V, RS≤50Ω,TA=25˚C
0.5
5
0.5
6
mV
Input Offset Current
V
CM=0V, TA=25˚C
2
20
2
100
nA
Input Bias Current
V
CM=0V, TA=25˚C
50
100
50
250
nA
Supply Current (4 Op Amps)
T
A=25˚C
1.4
2.0
1.4
2.5
mA
Large Signal Voltage Gain
R
L=10 kΩ, ∆VOUT= ±10V,
100
1000
50
1000
V/mV
T
A=25˚C
Input CM Range
T
A=25˚C
±13.5
±14
±13.5
±14
V
CM Rejection Ratio
R
S≤10 kΩ,TA=25˚C
80
100
70
100
dB
Power Supply Rejection Ratio
R
S≤10 kΩ,TA=25˚C,
80
100
74
100
dB
V
S = ±5to ±15V
Output Voltage Swing
R
L≥10 kΩ,TA=25˚C
±12
±14
±12
±14
V
Short-Circuit
T
A=25˚C
5
20
35
5
20
35
mA
Gain Bandwidth Product
T
A=25˚C
0.8
1.2
0.5
1.2
MHz
Phase Margin
T
A=25˚C
60
60
Deg
Slew Rate
T
A=25˚C
0.4
0.4
V/µs
Input Noise Voltage
f=1 kHz, T
A=25˚C
28
28
Channel Separation
R
L=10 kΩ, ∆VOUT=0V to
120
120
dB
±12V, T
A=25˚C
Input Resistance
T
A=25˚C
1.0
1.0
M
Ω
Input Capacitance
T
A=25˚C
2.0
2.0
pF
Input Offset Voltage
V
CM=0V, RS≤50Ω
0.5
6
0.5
7.5
mV
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com