Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPX100 Datasheet(PDF) 1 Page - Artesyn Technologies

Part # LPX100
Description  Installation Notes LPX100 ??Cover Enclosure Kit
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LPX100 Datasheet(HTML) 1 Page - Artesyn Technologies

  LPX100 Datasheet HTML 1Page - Artesyn Technologies LPX100 Datasheet HTML 2Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
POWER
LPX100 Enclosure
Installation Notes LPX100 • Cover Enclosure Kit
LPX100 will fit the LPX5X, LPX10X-M, NPX4X-M, NPX2X-M
and NPX6X-M power supplies.
Materials
ƒ
1 Base
ƒ
1 Cover
ƒ
4 M3x6mm Pan head screws with
spring washer
ƒ
4 M3x6mm countersunk screws
ƒ
1 M4 nut
ƒ
1 M4 star washer
ƒ
1 M4 spring washer
ƒ
1 Plastic insulator sheet
Installation Instructions and Notes
1
Place the insulator over the chassis as shown.
2
Place the power supply over the insulator as shown.
3
Align the 4x power supply to the chassis standoff.
4
Secure 4 pan head screws with washer provided with in kit as shown.
5
Place the cover over the power supply as shown.
6
Align the 4x cover to the U-bracket countersink holes.
7
Secure 4 countersink screws provided with in kit as shown.
8
Overall dimensions: 4.685 (119.0) x 2.945 (74.8) x 1.693 (43.0).
9
Base plate has three sets of customer mountings:
a. Bottom mounting (4X) M3 inserts. Max. screw penetration 0.0787 (2mm)
b. Side mounting (2X) 4mm clear holes plus 2 keyways. (See keyway detail)
c. Side mounting (4X) M3 inserts. Max. screw penetration 0.236 (6mm)
10
Ensure insulator is correctly fitted in base under PCB to maintain safety creepage and
clearances.
11
Ensure base is firmly connected to supply earth via the earth stud marked.
12
When using this enclosure, ensure that relevant safety standards (e.g. EN60950) are
complied with, in respect to creepage and clearance distances, and distances through
insulation.
13
All dimensions are in inches (mm).
OUTPUT CONNECTOR
INPUT CONNECTOR
(4X)STANDOFF
GROUND STUD
INSULATOR


Similar Part No. - LPX100

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
LPX101M350A1P3 CDE-LPX101M350A1P3 Datasheet
158Kb / 3P
85 ?C Radial Snap-In Aluminum Electrolytic Capacitors High Voltage, High Value Radial Leaded Snap-In
LPX101M350A1P3 CDE-LPX101M350A1P3 Datasheet
242Kb / 4P
High Voltage, High Value Radial Leaded Snap-In
LPX101M350A1P3 CDE-LPX101M350A1P3 Datasheet
371Kb / 4P
High Voltage, High Value Radial Leaded Snap-In
LPX101M400A3P3 CDE-LPX101M400A3P3 Datasheet
158Kb / 3P
85 ?C Radial Snap-In Aluminum Electrolytic Capacitors High Voltage, High Value Radial Leaded Snap-In
LPX101M400A3P3 CDE-LPX101M400A3P3 Datasheet
242Kb / 4P
High Voltage, High Value Radial Leaded Snap-In
More results

Similar Description - LPX100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2502-2 ETC1-2502-2 Datasheet
101Kb / 2P
MOUNTING BRACKET KIT INSTALLATION INSTRUCTIONS
logo
Astec America, Inc
LPX150-C ASTEC-LPX150-C Datasheet
120Kb / 1P
Cover Enclosure Kit
LPX-40 ASTEC-LPX-40 Datasheet
148Kb / 1P
Cover Enclosure Kit
logo
Emerson Network Power
LPX80 EMERSON-NETWORKPOWER-LPX80 Datasheet
742Kb / 1P
LPX80 Cover Enclosure Kit
logo
PANDUIT CORP.
C41678 PANDUIT-C41678 Datasheet
131Kb / 1P
COMPLETE INSTALLATION RACK KIT
logo
Artesyn Technologies
LPX200 ARTESYN-LPX200 Datasheet
1Mb / 2P
Installation Notes LPX200 ??Cover Enclosure Kit
logo
Littelfuse
SE-IP65CVR-G-SE-330 LITTELFUSE-SE-IP65CVR-G-SE-330 Datasheet
82Kb / 2P
WEATHERPROOF COVER INSTALLATION INSTRUCTIONS
march 2011
SE-IP65CVR-M LITTELFUSE-SE-IP65CVR-M Datasheet
178Kb / 2P
WEATHERPROOF COVER INSTALLATION INSTRUCTIONS
OCTOBER 2011
logo
STI Vibration Monitorin...
CMCP600C-K STI-CMCP600C-K Datasheet
390Kb / 1P
CMCP600C-K Connector Installation Kit
logo
Vaisala
HMT330MIK VAISALA-HMT330MIK Datasheet
1Mb / 2P
Meteorological Installation Kit
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com