Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT91SAM7A2 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT91SAM7A2
Description  ARM Thumb - based Microcontrollers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7A2 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT91SAM7A2 Datasheet HTML 2Page - ATMEL Corporation AT91SAM7A2 Datasheet HTML 3Page - ATMEL Corporation AT91SAM7A2 Datasheet HTML 4Page - ATMEL Corporation AT91SAM7A2 Datasheet HTML 5Page - ATMEL Corporation AT91SAM7A2 Datasheet HTML 6Page - ATMEL Corporation AT91SAM7A2 Datasheet HTML 7Page - ATMEL Corporation AT91SAM7A2 Datasheet HTML 8Page - ATMEL Corporation AT91SAM7A2 Datasheet HTML 9Page - ATMEL Corporation AT91SAM7A2 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
AT91SAM7A2 - Summary
6021AS–ATARM–03/04
Note:
1. Values in brackets are the values at reset (H = High, L = Low, Z = High impedance state).
Timer T1
T1TIOA/MPIO
Capture/waveform I/O
I/O
(Z)
Multiplexed with a general purpose I/O
T1TIOB/MPIO
Trigger/waveform I/O
I/O
(Z)
Multiplexed with a general purpose I/O
T0TIOCLK/MPIO
External clock/trigger/input
I/O
(Z)
Multiplexed with a general purpose I/O
ADC0
ANA0IN[7:0]
Analog input
I
VREFP0
Positive voltage reference
I
ADC1
ANA1IN[7:0]
Analog input
I
VREFP1
Positive voltage reference
I
SPI
SPCK/MPIO
SPI clock line
I/O
(Z)
Multiplexed with a general purpose I/O
MISO/MPIO
SPI master in slave out
I/O
(Z)
Multiplexed with a general purpose I/O
MOSI/MPIO
SPI master out slave in
I/O
(Z)
Multiplexed with a general purpose I/O
NPCS[3:1]/MPIO
SPI chip select
I/O
(Z)
Multiplexed with a general purpose I/O
NPCS0/NSS/MPIO SPI chip select (slave input)
I/O
(Z)
Multiplexed with a general purpose I/O
CAN0
CANRX0
CAN0 receive line
I
L
CANTX0
CAN0 transmit line
O
L (H)
CAN1
CANRX1
CAN1 receive line
I
L
CANTX1
CAN1 transmit line
O
L (H)
CAN2
CANRX2
CAN2 receive line
I
L
CANTX2
CAN2 transmit line
O
L (H)
CAN3
CANRX3
CAN3 receive line
I
L
CANTX3
CAN3 transmit line
O
L (H)
JTAG
SCANEN
Scan enable
I
H
Internal pull-down (connected GND or leave
unconnected)
TDI
Test Data In
I
Schmitt trigger, internal pull-up
TDO
Test Data Out
O
TMS
Test Mode Select
I
Schmitt trigger, internal pull-up
TCK
Test Clock
I
Schmitt trigger, internal pull-up
TEST
Factory Test
I
H
Internal pull-down (connected GND or leave
unconnected)
Power
Supplies
VDDCORE
Core Power Supply
-
3.3V
VDDANA
Analog Power Supply
-
3.3V
VDDIO
I/O Lines Power Supply
-
3.3V to 5V
GND
Ground
-
Table 2. Signal Description (Continued)
Module
Name
Function
Type
Active
Level Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com