Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPT63 Datasheet(PDF) 2 Page - Artesyn Technologies

Part # LPT63
Description  Total Power: 60 - 80 Watts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LPT63 Datasheet(HTML) 2 Page - Artesyn Technologies

  LPT63 Datasheet HTML 1Page - Artesyn Technologies LPT63 Datasheet HTML 2Page - Artesyn Technologies LPT63 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LPT60 Series Data Sheet
Ordering Information
Model
Number
Output
Voltage
Minimum
Load
Maximum Load with
Convection Cooling
Maximum Load with
30CFM Forced Air
Peak Load1
Regulation2
Ripple
P/P (PARD)3
LPT61
+3.3 V
+5 V
+12 V
0.7 A
0 A
0 A
5 A
2.5 A
0.5 A
8.5 A
3.0 A
1.0 A
9.5 A
3.3 A
1 A
±2%
±2%
±5%
50 mV
50 mV
120 mV
LPT62
+5 V
+12 V
-12 V
0.7 A
0.3 A
0 A
7 A
3 A
0.7 A
8 A
3.5 A
1 A
10 A
6 A
1.5 A
±2%
±5%
±5%
50 mV
120 mV
120 mV
LPT63
+5 V
+15 V
-15 V
0.7 A
0.3 A
0 A
7 A
2.8 A
0.7 A
8 A
3.3 A
1 A
10 A
4 A
1.5 A
±2%
±5%
±5%
50 mV
150 mV
150 mV
LPT64
+5 V
+12 V
-5 V
0.7 A
0.3 A
0 A
7 A
3 A
0.7 A
8 A
3.5 A
1 A
10 A
6 A
1.5 A
±2%
±5%
±5%
50 mV
120 mV
50 mV
LPT65
+5 V
+24 V
+12 V
0.7 A
0.1 A
0 A
7 A
1.5 A
0.7 A
8 A
2.0 A
1 A
10 A
3 A
1.5 A
±2%
±7%
±5%
50 mV
240 mV
120 mV
Environmental Specifications
Operating temperature
0 °C to 50 °C ambient derate each output at 2.5% per degree from 50 to 70 °C, -20 °C startup
Electromagnetic susceptibility
Designed to meet IEC 801, -2, -3, -4, -5, -6, Level 3
Humidity
Operating; non-condensing 5% to 95%
Vibration
Three orthogonal axes, sweep at 1 oct/min, 5 min. dwell at four major resonances 0.75G peak 5 Hz to 500
Hz, operational
Storage temperature
-40 °C to 85 °C
Temperature coefficient
±.04% per °C
MTBF demonstrated
>550,000 hours at full load and 25 °C ambient conditions
Power Derating Curve
Output
Power
(Watts)
0°C
20W
40W
60W
80W
10°C 20°C 30°C 40°C 50°C 60°C 70°C
TA – Ambient Temperature – °C
0W
Natural
Convection
Cooling
40W
30W
30 CFM Forced Air Cooling
1. Peak current lasting <30 seconds with a maximum 10% duty cycle.
2. At 25°C including initial tolerance, line voltage, load currents and output voltages adjusted to factory settings.
3. Peak-to-peak with 20 MHz bandwidth and 10 μF in parallel with a 0.1 μF capacitor at rated line voltage and load ranges.
4. Minimum Loads are required.
5. This product is a Component Power Supply and is only for inclusion by professional installers within other equipment and must not be operated
as a standalone product. EMC compliance to appropriate standards must be verified at the system level. This product is for sale to OEMs and
System Integrators, including through Distribution Channels. It is not intended for sale to End Users.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com