Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCB150L Datasheet(PDF) 1 Page - Artesyn Technologies

Part # LCB150L
Description  150 Watt Single Output Power Supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LCB150L Datasheet(HTML) 1 Page - Artesyn Technologies

  LCB150L Datasheet HTML 1Page - Artesyn Technologies LCB150L Datasheet HTML 2Page - Artesyn Technologies LCB150L Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
POWER
LCB150
150 Watt Single Output Power Supply
Total Power: 150 W
# of Outputs: Single
Outputs:
5 - 48 V
SPECIAL FEATURES
ƒ
No-load power consumption 1.5 W
ƒ
Low cost
ƒ
3.9” x 7” x 1.5”
ƒ
10% output voltage adjust
ƒ
-25 °C to 70 °C with derating
ƒ
High efficiency: 90% @ 230 Vac
ƒ
Power ON with LED indicator
ƒ
Withstand 2G vibration test
ƒ
Two year warranty
COMPLIANCE
ƒ
EMI Class B
ƒ
EN61000, EN61204-3
SAFETY
ƒ
UL, cUL
60950-1
ƒ
TUV
60950-1
ƒ
CE
Electrical Specifications
Input
Input range
88 - 132 Vac, 176 - 264 Vac (by switch)
248 - 373 Vdc
Frequency
47 - 63 Hz, Nominal 50/60
Inrush current
50 A, cold start at 25 °C, 230 Vac
Harmonics
EN61000-3-2: 2000 Class A,
EN61000-3-3: 1995+A1:2001
Input current
3 A / 115 Vac
Hold up time
>25 ms
Efficiency
90% typical at full Load / 230 Vac nominal
Leakage current
< 2 mA at 264 Vac
Isolation
Isolation: PRI-Chassis 1500 Vac
PRI-SEC 3000 Vac
SEC-Chassis 500 Vac
Data Sheet


Similar Part No. - LCB150L

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
LCB15 SEI-LCB15 Datasheet
277Kb / 3P
Ceramic Housed Current Sensing Resistor with 2 Leads
11/30/2020
LCB15FB10L0 SEI-LCB15FB10L0 Datasheet
277Kb / 3P
Ceramic Housed Current Sensing Resistor with 2 Leads
11/30/2020
LCB15FB5L00 SEI-LCB15FB5L00 Datasheet
277Kb / 3P
Ceramic Housed Current Sensing Resistor with 2 Leads
11/30/2020
LCB15FBR100 SEI-LCB15FBR100 Datasheet
277Kb / 3P
Ceramic Housed Current Sensing Resistor with 2 Leads
11/30/2020
LCB15JB10L0 SEI-LCB15JB10L0 Datasheet
277Kb / 3P
Ceramic Housed Current Sensing Resistor with 2 Leads
11/30/2020
More results

Similar Description - LCB150L

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAQF150E WALL-PSAQF150E Datasheet
156Kb / 3P
Enclosed 150 Watt Single Output AC/DC Switching Power Supply
PSAQF150O WALL-PSAQF150O Datasheet
178Kb / 3P
Open Frame 150 Watt Single Output AC/DC Switching Power Supply
PSAQF150U WALL-PSAQF150U Datasheet
173Kb / 3P
U Chassis 150 Watt Single Output AC/DC Switching Power Supply
PSS150 WALL-PSS150 Datasheet
153Kb / 3P
150 Watt Single Output AC/DC Power Supply
logo
Recom International Pow...
RACD150 RECOM-RACD150 Datasheet
103Kb / 2P
150 Watt Single Output
RACD150-A RECOM-RACD150-A Datasheet
116Kb / 2P
150 Watt Single Output
RACD150-PSE RECOM-RACD150-PSE Datasheet
100Kb / 2P
150 Watt Single Output
RACG150-S RECOM-RACG150-S Datasheet
449Kb / 4P
150 Watt Single Output
logo
Artesyn Technologies
LCB50D ARTESYN-LCB50D Datasheet
479Kb / 3P
50 Watt Single Output Power Supply
TLP150N-99S12J ARTESYN-TLP150N-99S12J Datasheet
673Kb / 4P
Single Output 150 Watt
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com