Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCB50D Datasheet(PDF) 2 Page - Artesyn Technologies

Part # LCB50D
Description  50 Watt Single Output Power Supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LCB50D Datasheet(HTML) 2 Page - Artesyn Technologies

  LCB50D Datasheet HTML 1Page - Artesyn Technologies LCB50D Datasheet HTML 2Page - Artesyn Technologies LCB50D Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LCB50 Data Sheet
Environmental Specifications
Operating temperature
-25 °C to +70 °C, linear derating to 50% from 50 °C to 70 °C
Storage temperature
-40 °C to +85 °C
Humidity
20 to 90%, non-condensing
Vibration
10 - 500 Hz, 5G 10 min/1 cycle, period for 60 min each along X, Y, Z axes
Electrical Specifications
Output
Output rating
See ordering information
90 - 264 Vac
Output tolerance
± 1% to 3%
90 - 264 Vac
Total regulation range
± 0.5% to 2%
Combined line/load/transient when measured at output terminal
Rated load
33 - 52.8 W
Derate linear to 50% from 50 °C to 70 °C
Output noise (PARD)
100 - 200 mV p-p
Main output
Measured with a 0.1 μF Ceramic and 10 μF Tantalum Capacitor on any output, 20 MHz
Output voltage overshoot
No overshoot/undershoot outside the regulation band during on or off cycle
Short circuit protection
Protected, no damage to occur
Bounce mode
Output isolation
Standard per safety requirements
Overload protection (OCP)
>110% rated output power
Main output
Overvoltage protection (OVP)
115% to 150%
Main output
Output voltage adjust
± 10%
Main output
Ordering Information
Model Number
Output Voltage
Output Current
Vo Adjust
Output Power
Efficiency
LCB50D
3.3 V
10 A
± 10%
33 W
78%
LCB50E
5 V
10 A
± 10%
50 W
83%
LCB50L
12 V
4.2 A
± 10%
50.4 W
88%
LCB50N
15 V
3.4 A
± 10%
51 W
89%
LCB50Q
24 V
2.2 A
± 10%
52.8 W
90%
LCB50W
48 V
1.1 A
± 10%
52.8 W
90%
Miscellaneous Specifications
BURN-IN
100% Burn-in at 45 °C, at full load. Duration of burn-in determined by Quality Assurance Procedures.
MTBF
The power supply has a minimum MTBF of 420K hours according to MIL-HDBK-217F.
WARRANTY
Artesyn Embedded Technologies shall warrant the power supply to be free of defects in materials and workmanship for a minimum period
of two years from the date of shipment, when operated within specifications. The warranty shall be fully transferable to the end owner of
the equipment powered by the supply.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com