Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S40C45CL Datasheet(PDF) 1 Page - Mospec Semiconductor

Part # S40C45CL
Description  Switchmode Schottky Barrier Power Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

S40C45CL Datasheet(HTML) 1 Page - Mospec Semiconductor

  S40C45CL Datasheet HTML 1Page - Mospec Semiconductor S40C45CL Datasheet HTML 2Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MOSPEC
S40C45CL
Switchmode Schottky Barrier Power Rectifiers
Using the Schottky Barrier principle with high temperature operation metal.
The properitary barrier technology allows for reliable operation up to 150℃
junction temperature. Typical application are in switching Mode Power
Supplies such as adaptators, Photovoltaic Solar cell protection,free-
wheeling and polarity protection diodes.
Features
*
Ultra Low Forward Voltage.
*
Low Switching noise.
*
High Current Capacity
*
Low Power Loss & High efficiency.
*
150℃ Operating Junction Temperature
*
Low Stored Charge Majority Carrier Conduction.
*
Plastic Material used Carries Underwriters Laboratory
Flammability Classification 94V-O
*In compliance with EU RoHs 2002/95/EC directives
SCHOTTKY BARRIER
RECTIFIERS
40 AMPERES
45VOLTS
MAXIMUM RATINGS
Characteristic
Symbol
S40C45CL
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
45
V
RMS Reverse Voltage
VR(RMS)
31.5
V
Average Rectifier Forward Current
(per diode)
Total Device (Rated VR), TC=100℃
IF(AV)
20
40
A
Peak Repetitive Forward Current
(Rate VR, Square Wave, 20kHz)
IFM
40
A
Non-Repetitive Peak Surge Current (Surge applied at
rate load conditions halfware, single phase, 60Hz)
IFSM
300
A
Operating and Storage Junction Temperature Range
TJ , Tstg
-65 to +150
℃
TO-220AB
MILLIMETERS
DIM
MIN
MAX
A
14.68
15.32
B
9.78
10.42
C
5.02
6.52
D
13.06
14.62
E
3.57
4.07
F
2.42
2.66
G
1.12
1.36
H
0.72
0.96
I
4.22
4.98
J
1.14
1.38
K
2.20
2.98
L
0.33
0.55
M
2.48
2.98
O
3.70
THERMAL RESISTANCES
Maximum Thermal Resistance junction to case
Rθ j-c
3.2
℃
/w
3.90
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
S40C45CL
Unit
Maximum Instantaneous Forward Voltage ( per diode )
Min
Typ.
Max.
( IF =0.1 Amp TC = 25℃)
---
0.22
0.26
( IF =10 Amp TC = 25℃)
---
0.41
0.45
( IF =20 Amp TC = 25℃)
VF
---
0.48
0.52
V
Maximum Instantaneous Reverse Current
( Rated DC Voltage, TC = 25℃)
0.5
( Rated DC Voltage, TC = 100℃)
IR
50
mA


Similar Part No. - S40C45CL

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
S40C60CL MOSPEC-S40C60CL Datasheet
139Kb / 2P
Switchmode Schottky Barrier Power Rectifiers
More results

Similar Description - S40C45CL

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
S10M45C MOSPEC-S10M45C Datasheet
163Kb / 2P
Switchmode Schottky Barrier Power Rectifiers
S15L45 MOSPEC-S15L45 Datasheet
139Kb / 2P
Switchmode Schottky Barrier Power Rectifiers
S20M45F MOSPEC-S20M45F Datasheet
167Kb / 2P
Switchmode Schottky Barrier Power Rectifiers
S30M60C MOSPEC-S30M60C Datasheet
152Kb / 2P
Switchmode Schottky Barrier Power Rectifiers
S30M60F MOSPEC-S30M60F Datasheet
165Kb / 2P
Switchmode Schottky Barrier Power Rectifiers
S40C60CL MOSPEC-S40C60CL Datasheet
139Kb / 2P
Switchmode Schottky Barrier Power Rectifiers
SBLD4060CL MOSPEC-SBLD4060CL Datasheet
151Kb / 2P
Switchmode Schottky Barrier Power Rectifiers
SR306L MOSPEC-SR306L Datasheet
138Kb / 2P
Switchmode Schottky Barrier Power Rectifiers
S40M45C MOSPEC-S40M45C Datasheet
142Kb / 2P
Switchmode Schottky Barrier Power Rectifiers
S40M45F MOSPEC-S40M45F Datasheet
141Kb / 2P
Switchmode Schottky Barrier Power Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com