Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUT100 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BUT100
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BUT100 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BUT100 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BUT100 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2
isc Silicon NPN Power Transistor
BUT100
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP. MAX UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC= 50mA; IB= 0
125
V
V(BR)CBO
Collector-Base Breakdown Voltage
IC= 1mA; IE= 0
200
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE= 1mA; IC= 0
7
V
VCE(sat) )
Collector-Emitter Saturation Voltage
IC= 50A; IB= 2.5A
IC = 50A IB = 2.5A Tj = 100℃
0.9
1.2
V
VBE(sat)
Base-EmitterSaturationVoltage
IC= 50A; IB= 2.5A
IC = 50A IB = 2.5A Tj = 100℃
1.4
1.4
V
hFE
DC Current Gain
IC= 1A ; VCE= 5V
50
ICBO
Collector Cutoff Current
VCB= 200V; IE= 0
10
μ
A
ICEO
Collector Cut-off Current
VCE=125V; IE= 0
VCE = 125V; TC= 100℃
1
5
mA
IEBO
Emitter Cutoff Current
VEB= 5V; IC= 0
10
μ
A
∗Pulsed:Pulseduration=3µs,dutycycle=2%



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com