Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUW41A Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BUW41A
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BUW41A Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BUW41A Datasheet HTML 1Page - Inchange Semiconductor Company Limited BUW41A Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2
isc Silicon NPN Power Transistors
BUW41/A/B
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX UNIT
VCEO(SUS)
Collector-Emitter
Sustaining Voltage
BUW41
IC= 50mA ; IB= 0
300
V
BUW41A
350
BUW41B
400
V(BR)EBO
Emitter-Base Breakdown Voltage
IE= 1mA ; IC= 0
6
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 5A; IB= 1A
IC= 5A; IB= 1A,TC= 150℃
1.0
2.0
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 5A; IB= 1A
1.6
V
ICEV
Collector
Cutoff Current
BUW41
VCE= 450V;VBE= -1.5V
VCE= 450V;VBE= -1.5V,TC= 150℃
0.1
1.0
mA
BUW41A
VCE= 550V;VBE= -1.5V
VCE= 550V;VBE= -1.5V,TC= 150℃
0.1
1.0
BUW41B
VCE= 650V;VBE= -1.5V
VCE= 650V;VBE= -1.5V,TC= 150℃
0.1
1.0
IEBO
Emitter Cutoff Current
VEB= 6V; IC=0
1.0
mA
hFE
DC Current Gain
IC= 5A ; VCE= 3V
10
40
fT
Current-Gain—Bandwidth Product
IC= 0.5A ;VCE= 10V
15
MHz



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com