Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUX22 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BUX22
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BUX22 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BUX22 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BUX22 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
isc Product Specification
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2
isc Silicon NPN Power Transistor
BUX22
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VCEO(SUS )*
Collector-Emitter Sustaining Voltage
IC=50mA ; IB=0
250
V
VCE(sat)-1*
Collector-Emitter Saturation Voltage
IC= 10A; IB=1.0A
1.0
V
VCE(sat)-2*
Collector-Emitter Saturation Voltage
IC= 20A; IB=2.5A
1.5
V
VBE(sat)*
Base-Emitter Saturation Voltage
IC= 20A; IB=2.5A
1.5
V
ICEO
Collector Cutoff Current
VCE=200V; IB=0
3
mA
ICEX
Collector Cutoff Current
VCE= 300V; VBE(off)= 1.5V
VCE= 300V; VBE(off)= 1.5V,TC=125℃
3
12
mA
ICBO
Collector Cutoff Current
VCB= 300V; IC=0
1
mA
IEBO
Emitter Cutoff Current
VEB= 5V; IC=0
1
mA
hFE-1*
DC Current Gain
IC= 10A ; VCE= 4V
20
60
hFE-2*
DC Current Gain
IC= 20A ; VCE= 4V
10
Is/b
Second Breakdown Collector
Current with Base Forward Biased
VCE= 140V,t= 1.0s,Nonrepetitive
0.15
A
fT
Current Gain-Bandwidth Product
IC= 2A ; VCE= 15V;f=1.0MHz
10
MHz
*:Pulse test PW≤300us,duty cycle≤2%
Switching times Resistive Load
ton
Turn-on Time
IC= 20A ;IB1=-IB2= 2.5A; VCC= 100V;
1.3
μ
s
ts
Storage Time
2.0
μ
s
tf
Fall Time
0.5
μ
s



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com