Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM148 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM148
Description  Quad 741 Op Amps LM149 Wide Band Decompensated (AV MIN = 5)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM148 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM148 Datasheet HTML 7Page - National Semiconductor (TI) LM148 Datasheet HTML 8Page - National Semiconductor (TI) LM148 Datasheet HTML 9Page - National Semiconductor (TI) LM148 Datasheet HTML 10Page - National Semiconductor (TI) LM148 Datasheet HTML 11Page - National Semiconductor (TI) LM148 Datasheet HTML 12Page - National Semiconductor (TI) LM148 Datasheet HTML 13Page - National Semiconductor (TI) LM148 Datasheet HTML 14Page - National Semiconductor (TI) LM148 Datasheet HTML 15Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Typical Applications—LM148 (Continued)
A 4th Order 1 kHz Elliptic Filter (4 Poles, 4 Zeros)
00778614
R1C1 = R2C2 = t
R'1C'1 = R'2C'2 = t'
fC = 1 kHz, fS = 2 kHz, fp = 0.543, fZ = 2.14, Q = 0.841, f' P = 0.987, f' Z = 4.92, Q' = 4.403, normalized to ripple BW
Use the BP outputs to tune Q, Q', tune the 2 sections separately
R1 = R2 = 92.6k, R3 = R4 = R5 = 100k, R6 = 10k, R0 = 107.8k, RL = 100k, RH = 155.1k,
R'1 = R'2 = 50.9k, R'4 = R'5 = 100k, R'6 = 10k, R'0 = 5.78k, R'L = 100k, R'H = 248.12k, R'f = 100k. All capacitors are 0.001 µF.
Lowpass Response
00778615
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com