Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS40L Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BAS40L
Description  Schottky barrier diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAS40L Datasheet(HTML) 5 Page - NXP Semiconductors

  BAS40L Datasheet HTML 1Page - NXP Semiconductors BAS40L Datasheet HTML 2Page - NXP Semiconductors BAS40L Datasheet HTML 3Page - NXP Semiconductors BAS40L Datasheet HTML 4Page - NXP Semiconductors BAS40L Datasheet HTML 5Page - NXP Semiconductors BAS40L Datasheet HTML 6Page - NXP Semiconductors BAS40L Datasheet HTML 7Page - NXP Semiconductors BAS40L Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2003 May 20
5
Philips Semiconductors
Product specification
Schottky barrier diode
BAS40L
PACKAGE OUTLINE
UNIT
A1
max.
A(1)
be1
L
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.50
0.46
0.55
0.47
0.03
0.62
0.55
0.65
DIMENSIONS (mm are the original dimensions)
Notes
1. Including plating thickness
2. The marking bar indicates the cathode
0.30
0.22
SOD882
03-04-16
03-04-17
DE
1.02
0.95
L
E
(2)
2
1
b
A1
A
D
L
Leadless ultra small plastic package; 2 terminals; body 1.0 x 0.6 x 0.5 mm
SOD882
0
0.5
1 mm
scale
e1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com