Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM343 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM343
Description  High Voltage Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM343 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM343 Datasheet HTML 1Page - National Semiconductor (TI) LM343 Datasheet HTML 2Page - National Semiconductor (TI) LM343 Datasheet HTML 3Page - National Semiconductor (TI) LM343 Datasheet HTML 4Page - National Semiconductor (TI) LM343 Datasheet HTML 5Page - National Semiconductor (TI) LM343 Datasheet HTML 6Page - National Semiconductor (TI) LM343 Datasheet HTML 7Page - National Semiconductor (TI) LM343 Datasheet HTML 8Page - National Semiconductor (TI) LM343 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TLH7783
February 1995
LM143LM343 High Voltage
Operational Amplifier
General Description
The LM143 is a general purpose high voltage operational
amplifier featuring operation to g40V complete input over-
voltage protection up to g40V and input currents compara-
ble to those of other super-b op amps Increased slew rate
together with higher common-mode and supply rejection
insure improved performance at high supply voltages Oper-
ating characteristics in particular supply current slew rate
and gain are virtually independent of supply voltage and
temperature Furthermore gain is unaffected by output
loading at high supply voltages due to thermal symmetry on
the die The LM143 is pin compatible with general purpose
op amps and has offset null capability
Application areas include those of general purpose op
amps but can be extended to higher voltages and higher
output power when externally boosted For example when
used in audio power applications the LM143 provides a
power bandwidth that covers the entire audio spectrum In
addition the LM143 can be reliably operated in environ-
ments with large overvoltage spikes on the power supplies
where other internally-compensated op amps would suffer
catastrophic failure
The LM343 is similar to the LM143 for applications in less
severe supply voltage and temperature environments
Features
Y
Wide supply voltage range
g
40V to g40V
Y
Large output voltage swing
g
37V
Y
Wide input common-mode range
g
38V
Y
Input overvoltage protection
Full g40V
Y
Supply current is virtually independent of supply voltage
and temperature
Unique Characteristics
Y
Low input bias current
80 nA
Y
Low input offset current
10 nA
Y
High slew rateessentially independent of temperature
and supply voltage
25V ms
Y
High voltage gainvirtually independent of resistive
loading temperature and supply voltage
100k min
Y
Internally compensated for unity gain
Y
Output short circuit protection
Y
Pin compatible with general purpose op amps
Connection Diagram
Metal Can Package
Top View
TLH7783 – 1
Order Number LM143H LM143H883 or LM343H
See NS Package Number H08C
Available per SMD
7800303
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - LM343

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
LM343-155.52M CONNOR-WINFIELD-LM343-155.52M Datasheet
138Kb / 2P
5.0x7.0mm Surface Mount LVDS Clock Oscillator Series
logo
National Semiconductor ...
LM3430 NSC-LM3430 Datasheet
2Mb / 16P
LED Backlighting Solution with LM3430 and LM3432
logo
Texas Instruments
LM3430 TI1-LM3430 Datasheet
1Mb / 35P
Boost Controller for LED Backlighting
LM3430SD/NOPB TI1-LM3430SD/NOPB Datasheet
1Mb / 35P
Boost Controller for LED Backlighting
LM3430SDX/NOPB TI1-LM3430SDX/NOPB Datasheet
1Mb / 35P
Boost Controller for LED Backlighting
More results

Similar Description - LM343

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG143 MICROSEMI-SG143 Datasheet
81Kb / 4P
HIGH-VOLTAGE OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
SG1436 ETC1-SG1436 Datasheet
175Kb / 4P
HIGH-VOLTAGE OPERATIONAL AMPLIFIER
logo
M.S. Kennedy Corporatio...
MSK0004 MSK-MSK0004 Datasheet
192Kb / 5P
HIGH VOLTAGE OPERATIONAL AMPLIFIER
logo
Microsemi Corporation
SG1436 MICROSEMI-SG1436 Datasheet
430Kb / 5P
HIGH-VOLTAGE OPERATIONAL AMPLIFIER
logo
Cirrus Logic
PA140 APEX-PA140 Datasheet
76Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
logo
Microsemi Corporation
SG143 MICROSEMI-SG143_1 Datasheet
292Kb / 4P
HIGH-VOLTAGE OPERATIONAL AMPLIFIER
SG1436 MICROSEMI-SG1436_10 Datasheet
321Kb / 5P
HIGH-VOLTAGE OPERATIONAL AMPLIFIER
7800303XA MICROSEMI-7800303XA Datasheet
292Kb / 4P
HIGH-VOLTAGE OPERATIONAL AMPLIFIER
logo
Texas Instruments
LH0004 TI1-LH0004 Datasheet
378Kb / 8P
High Voltage Operational Amplifier
logo
Analog Technologies, In...
AHVOA1500V100MA ANALOGTECHNOLOGIES-AHVOA1500V100MA Datasheet
519Kb / 4P
High Voltage Operational Amplifier
11/1/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com