Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUX98B Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BUX98B
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BUX98B Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BUX98B Datasheet HTML 1Page - Inchange Semiconductor Company Limited BUX98B Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
isc Product Specification
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2
isc Silicon NPN Power Transistor
BUX98B
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
☆
VCEO(SUS) Collector-Emitter Sustaining Voltage
IC= 30mA ; IB= 0
600
V
VCER(SUS)
Collector-Emitter Sustaining Voltage
IC= 1mA
1000
V
☆
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= 16A ;IB= 3.2A
1.5
V
☆
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC= 24A ;IB= 5A
5.0
V
☆
VBE(sat)
Base-Emitter Saturation Voltage
IC= 16A ;IB= 3.2A
1.6
V
ICBO
Collector Cutoff Current
VCB=1000V; IE= 0
VCB=1000V; IE= 0 TC=125℃
0.4
4
mA
ICEO
Collector Cutoff Current
VCE= 600V; IB= 0
2
mA
IEBO
Emitter Cutoff Current
VEB= 5V; IC= 0
2
mA
hFE
DC Current Gain
IC= 1A ; VCE= 5V
15
50
☆
Pulsed: Pulse duration = 300 ms, duty cycle = 1.5 %
Switching Times
ton
Turn-on Time
IC= 16A ;IB1=-IB2= 3.2A;
VCC= 150V
1.0
μ
s
ts
Storage Time
3.0
μ
s
tf
Fall Time
0.8
μ
s



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com