Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSL Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # FSL
Description  High reliability - High voltage ??Long life
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

FSL Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  FSL Datasheet HTML 1Page - Illinois Capacitor, Inc. FSL Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FSL
+70°C, photoflash snap in
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (Ω)
120 Hz,
+20°C
LC (µA)
20°C,
5 minutes
Dims DxL
(mm)
47
450
476FSL450XBE
2.47041
436.29
22x35
60
360
606FSL360XBD
1.93516
440.91
22x30
68
450
686FSL450XBF
1.70749
524.79
22x40
68
450
686FSL450XCD
1.70749
524.79
25x30
70
360
706FSL360XBE
1.65871
476.24
22x35
70
360
706FSL360XCC
1.65871
476.24
25x25
80
360
806FSL360XBF
1.45137
509.12
22x40
80
360
806FSL360XCD
1.45137
509.12
25x30
100
360
107FSL360XBG
1.16109
569.21
22x45
100
360
107FSL360XCE
1.16109
569.21
25x35
100
360
107FSL360XDC
1.16109
569.21
30x25
100
450
107FSL450XBH
1.16109
636.4
22x50
100
450
107FSL450XCF
1.16109
636.4
25x40
100
450
107FSL450XDE
1.16109
636.4
30x35
120
360
127FSL360XBH 0.967578
623.54
22x50
120
360
127FSL360XCF
0.967578
623.54
25x40
120
360
127FSL360XDD 0.967578
623.54
30x30
120
450
127FSL450XBP 0.967578
697.14
22x55
120
450
127FSL450XCG 0.967578
697.14
25x45
120
450
127FSL450XDF 0.967578
697.14
30x40
150
360
157FSL360XBP 0.774062
697.14
22x55
150
360
157FSL360XCG 0.774062
697.14
25x45
150
360
157FSL360XDE 0.774062
697.14
30x35
150
450
157FSL450XBZ
0.774062
779.42
22x60
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (Ω)
120 Hz,
+20°C
LC (µA)
20°C,
5 minutes
Dims DxL
(mm)
150
450
157FSL450XCH 0.774062
779.42
25x50
150
450
157FSL450XDG 0.774062
779.42
30x45
180
360
187FSL360XCH 0.645052
763.68
25x50
180
360
187FSL360XDF 0.645052
763.68
30x40
180
360
187FSL360XED 0.645052
763.68
35x30
220
360
227FSL360XCZ
0.52777
844.27
25x60
220
360
227FSL360XDG
0.52777
844.27
30x45
220
360
227FSL360XEE
0.52777
844.27
35x35
220
450
227FSL450XCZ
0.52777
943.93
25x60
220
450
227FSL450XDP
0.52777
943.93
30x55
220
450
227FSL450XEG
0.52777
943.93
35x45
270
360
277FSL360XDH 0.430035
935.31
30x50
270
360
277FSL360XEF
0.430035
935.31
35x40
270
450
277FSL450XDJ
0.430035 1045.71
35x65
270
450
277FSL450XEP
0.430035 1045.71
35x55
330
360
337FSL360XDP 0.351846 1034.02
30x55
330
360
337FSL360XEH 0.351846 1034.02
35x50
330
450
337FSL450XEJ
0.351846 1156.07
35x65
330
450
337FSL450XFP
0.351846 1156.07
40x55
470
360
477FSL360XEZ
0.247041 1234.02
35x60
470
360
477FSL360XFH 0.247041 1234.02
40x50
470
450
477FSL450XEQ 0.247041 1379.67
35x75
470
450
477FSL450XFJ
0.247041 1379.67
40x65



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com