Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSR Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # FSR
Description  Reduced case size - High voltage ??Low Leakage ??low dissipation
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

FSR Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  FSR Datasheet HTML 1Page - Illinois Capacitor, Inc. FSR Datasheet HTML 2Page - Illinois Capacitor, Inc. FSR Datasheet HTML 3Page - Illinois Capacitor, Inc. FSR Datasheet HTML 4Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
Reduced case size - High voltage – Low Leakage – low dissipation
Factor – JIS 2365 Compliant
APPLICATIONS
Emergency lights – Signal lights
Operating Temperature Range
-20°C to +55°C
Capacitance Tolerance
-10 to+20% at 120 Hz, 25°C
WVDC
300
310
330
360
Surge voltage
SVDC
320
335
350
390
Dissipation Factor
120 Hz, 25°C
tan
δ
0.06
time
5 Minutes
Leakage current
@25°C, Rated WVDC applied
1*C
5000 flashes at rated voltage applied at 5~35°C repeating every 30
seconds thru a Xe flash tube having a discharge resistance of 0.7~1.0
Ω
Capacitance change
<10% of initial measured value
Dissipation factor
<150% of maximum specified value
Charge/discharge
Leakage current
<150% of maximum specified value
500 hours at 55°C with no voltage applied
Capacitance change
<10% initial measured value
Dissipation factor
<150% of maximum specified value
Shelf Life
Leakage current
<150% of maximum specified value
D1=D+0.3mm
L1=L+0.5mm
S1=D+0.5mm
D
9.2
9.5
10
10.3
10.6
11
12
12.5
13
13.5
14
14.5
16
18
20
d
0.6
0.6
0.6
0.6
0.6
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
S
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
7.5
7.5
7.5
7.5
7.5


Similar Part No. - FSR

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FSR FOX-FSR Datasheet
98Kb / 1P
SMD TUNING FORK
logo
Ohmite Mfg. Co.
FSR OHMITE-FSR Datasheet
429Kb / 2P
Force Sensing Resistor
logo
RFE international
FSR RFE-FSR Datasheet
450Kb / 2P
STRAP MOUNT PPTC RESETTABLE FUSE
2020.01.10
logo
Heyco.
FSR HEYCO-FSR Datasheet
91Kb / 1P
Feets of Strength
logo
Adam Technologies, Inc.
FSR-XX ADAM-TECH-FSR-XX Datasheet
91Kb / 1P
STRAIN RELIEF FOR FCS SERIES
More results

Similar Description - FSR

ManufacturerPart #DatasheetDescription
logo
Knox Semiconductor, Inc
1N5518 KNOX-1N5518 Datasheet
39Kb / 1P
LOW VOLTAGE AVALANCHE ZENER DIODES HIGH PERFORMANCE: LOW NOISE, LOW LEAKAGE
1N6082 KNOX-1N6082 Datasheet
35Kb / 1P
LOW VOLTAGE AVALANCHE ZENER DIODES HIGH PERFORMANCE: LOW NOISE, LOW LEAKAGE
LVA3100A KNOX-LVA3100A Datasheet
35Kb / 1P
LOW VOLTAGE AVALANCHE ZENER DIODES HIGH PERFORMANCE: LOW NOISE, LOW LEAKAGE
logo
Dubilier
DSHR33010TR DUBILIER-DSHR33010TR Datasheet
203Kb / 2P
CAPACITORS ULTRA LOW IMPEDANCE REDUCED SIZE DSHR
logo
EUROQUARTZ limited
74USMX EUROQUARTZ-74USMX Datasheet
116Kb / 1P
Low profile, reduced size SMD crystal
logo
Diodes Incorporated
BAV3004W DIODES-BAV3004W_15 Datasheet
91Kb / 4P
SURFACE MOUNT HIGH VOLTAGE LOW LEAKAGE DIODE
Rev erse
logo
Dubilier
DSHR DUBILIER-DSHR Datasheet
298Kb / 2P
ULTRA LOW IMPEDANCE REDUCED SIZE
logo
Illinois Capacitor, Inc...
FSB ILLINOISCAPACITOR-FSB Datasheet
222Kb / 2P
High voltage ??Low Leakage ??low dissipation Factor
logo
STMicroelectronics
FERD40U50C STMICROELECTRONICS-FERD40U50C Datasheet
150Kb / 8P
Reduced leakage current
June 2015 Rev 1
logo
Cornell Dubilier Electr...
930C CDE-930C Datasheet
143Kb / 5P
Low Dissipation, High Voltage/High Frequency Switching Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com