Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

107DCN2R7SLB Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 107DCN2R7SLB
Description  Very fast charge/discharge ??High power density ??IEC 62391
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

107DCN2R7SLB Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  107DCN2R7SLB Datasheet HTML 1Page - Illinois Capacitor, Inc. 107DCN2R7SLB Datasheet HTML 2Page - Illinois Capacitor, Inc. 107DCN2R7SLB Datasheet HTML 3Page - Illinois Capacitor, Inc. 107DCN2R7SLB Datasheet HTML 4Page - Illinois Capacitor, Inc. 107DCN2R7SLB Datasheet HTML 5Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FEATURES
Very fast charge/discharge – High power density – IEC 62391
compliant – Circuit board mountable
APPLICATIONS
Battery backup/ alternative – Pulse power – Energy harvesting – LED
Displays – Mechanical actuators – Audio systems
Operating Temperature Range
-40°C to +60°C
Storage Temperature
-40°C to +70°C
Capacitance Tolerance
@ 20°C
+30%/-10% (Q tolerance), +20%/-20% (M tolerance)
+10%/-10% (K tolerance), +50%/-20% (S tolerance)
Surge Voltage
WVDC
2.7
5.5
SVDC
2.8
5.7
Maximum Current
See standard part listing
1 second discharge to ½ WVDC
Operating Current
See standard part listing
5 second discharge to ½ WVDC
Leakage Current
See standard part listing
72 hours,25°C
Life Time
1000 hours with rated voltage applied at 60°C
Capacitance change
+30% of initially measured values
ESR
<200% of initially specified values
Leakage current
< specified maximum value
Shelf Life
500 hours with no voltage applied at 60°C
Capacitance change
+30% of initially measured values
ESR
<200% of initially specified values
Life Cycles
( 25°C) 1 cycle= Charge to WVDC for
20s, constant voltage charging for
10s, discharge to ½ WVDC for 20s,
rest for 10 s
500,000 cycles
Capacitance change
+30% of initially measured values
ESR change
<200% of initially specified values
D < 18mm
Lead spacing VS. Case diameter
D
4
8(L<20)
8(L>20)
10
16
18
S
1.5
3.5
3.5
5.0
7.5
7.5
d
0.45
0.5
0.6
0.6
0.8
0.8
L1=L+1.5mm
D1=D+05mm
S1=S+0.5mm


Similar Part No. - 107DCN2R7SLB

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
107DCN2R7SLB ILLINOISCAPACITOR-107DCN2R7SLB Datasheet
247Kb / 3P
Very fast charge/discharge High power density IEC 62391 compliant
107DCN2R7SLB ILLINOISCAPACITOR-107DCN2R7SLB Datasheet
128Kb / 1P
High pulse power capacitor
More results

Similar Description - 107DCN2R7SLB

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
105DCN2R7S ILLINOISCAPACITOR-105DCN2R7S Datasheet
247Kb / 3P
Very fast charge/discharge High power density IEC 62391 compliant
logo
Surge Components
MKR SURGE-MKR Datasheet
1Mb / 2P
high speed charge-discharge
logo
Illinois Capacitor, Inc...
DCR ILLINOISCAPACITOR-DCR Datasheet
162Kb / 2P
Very fast charge/discharge ??High power density ??IEC 62391
DER ILLINOISCAPACITOR-DER Datasheet
224Kb / 4P
High Capacitance ??Very fast charge/discharge ??High power density
logo
Shenzhen Tianyuan Semic...
SP4502 TPOWER-SP4502 Datasheet
580Kb / 7P
Synchronous charge and discharge mobile power SOC
SP4522 TPOWER-SP4522 Datasheet
278Kb / 6P
Synchronous charge and discharge mobile power SOC
logo
SHENZHEN FUMAN ELECTRON...
XPM6320 FUMAN-XPM6320 Datasheet
990Kb / 19P
20W fast charge and discharge fully integrated power management chip
XPM6329 FUMAN-XPM6329 Datasheet
967Kb / 18P
Multi-protocol fast charge and discharge fully integrated power management chip
logo
Shenzhen Huazhimei Semi...
HM5807 HMSEMI-HM5807 Datasheet
567Kb / 6P
Synchronous charge and discharge mobile power SOC
HM5914 HMSEMI-HM5914 Datasheet
597Kb / 7P
Synchronous charge and discharge mobile power SOC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com