Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR10910 Datasheet(PDF) 7 Page - Exar Corporation

Part # XR10910
Description  16:1 Sensor Interface
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR10910 Datasheet(HTML) 7 Page - Exar Corporation

Back Button XR10910 Datasheet HTML 3Page - Exar Corporation XR10910 Datasheet HTML 4Page - Exar Corporation XR10910 Datasheet HTML 5Page - Exar Corporation XR10910 Datasheet HTML 6Page - Exar Corporation XR10910 Datasheet HTML 7Page - Exar Corporation XR10910 Datasheet HTML 8Page - Exar Corporation XR10910 Datasheet HTML 9Page - Exar Corporation XR10910 Datasheet HTML 10Page - Exar Corporation XR10910 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
© 2014-2015 Exar Corporation
7 / 19
exar.com/XR10910
Rev 1B
XR10910
Register Information
Digital Part Control Register
Reg No.
Name
Function
R/
W/
C
Byte of
Parameter
Parameter
Default
Code
Power-up
Condition
Remark
Hex
Dec
0x00
0
NOP
No operation
C
0
N/A
Does not execute a function. NOP is used to
test successful I2C communication
Reset
0x01
1
SW_RESET
Software reset
C
0
N/A
Resets all registers to default values
Read ID
0x02
2
DEVICE_ID
Read Device ID
R
2
[15:0]: report “0910” in
BCD
0x0910
Instructs the XR10910 to report its device ID
“0910” in binary form (0000 1001 0001 0000)
0x03
3
VERSION_ID
Read HW & SW
version numbers
R
2
[15:12]: reserved
[11:8]: Hardware version #
[7:0]: Software version #
N/A
Initial H/W version number is ‘0’;
Initial S/W version number is ‘01’.
Sleep in/out
0x04
4
SLEEP_OUT_
REG
Normal operating
mode, system active
C
0
N/A
Active
Puts the XR10190 into active mode. (wake
up)
0x05
5
SLEEP_IN_
REG
Sleep Mode
C
0
N/A
Active
Puts the analog portion of the XR10910 into
sleep mode.
During sleep mode, the only I2C command
that can be received/processed is the
SLEEP_OUT command (0x04). All other
register addresses will be ignored.
Basic Config
0x06
6
Gain
Gain select
R/W
1
[2:0]: Gain select
0x00
Gain = 2
Eight gain settings are selectable (from 2V/V
to 760V/V), refer to the Gain Register Table
for more information.
0x07
7
LDO
LDO Settings
R/W
1
[0]:LDO 3V, 2.65V
[1]:LDO disable
0x00
LDO = 3V
Bit 0 controls the LDO voltage (0:3V;1:2.65V).
Bit 1 (Sleep Mode only). Bit 1 controls whether
the LDO shuts down or stays on during Sleep
Mode. (0: Enable; 1: Disable). When the
XR10910 is active, the LDO is always on.
0x08
8
LDO Current
Sense Select
LDO Current Sense
C
0
N/A
Off
When on, the LDO current is sensed and a
proportional voltage is present at the output
of the XR10910.
Current Sense Mode remains active until
an input select command is received by the
XR10910.
Channel Switch (Input Mux Select)
0x10
16
Select_Input_1
Select Channel 1
C
0
N/A
Channel 1
is selected
Select +IN1, -IN1; Channel 1
0x11
17
Select_Input_2
Select Channel 2
C
0
Select +IN2, -IN2; Channel 2
0x12
18
Select_Input_3
Select Channel 3
C
0
Select +IN3, -IN3; Channel 3
0x13
19
Select_Input_4
Select Channel 4
C
0
Select +IN4, -IN4; Channel 4
0x14
20
Select_Input_5
Select Channel 5
C
0
Select +IN5, -IN5; Channel 5
0x15
21
Select_Input_6
Select Channel 6
C
0
Select +IN6, -IN6; Channel 6
0x16
22
Select_Input_7
Select Channel 7
C
0
Select +IN7, -IN7; Channel 7
0x17
23
Select_Input_8
Select Channel 8
C
0
Select +IN8, -IN8; Channel 8
0x18
24
Select_Input_9
Select Channel 9
C
0
Select +IN9, -IN9; Channel 9
0x19
25
Select_Input_10 Select Channel 10
C
0
Select +IN10, -IN10; Channel 10
0x1A
26
Select_Input_11 Select Channel 11
C
0
Select +IN11, -IN11; Channel 11
0x1B
27
Select_Input_12 Select Channel 12
C
0
Select +IN12, -IN12; Channel 12
0x1C
28
Select_Input_13 Select Channel 13
C
0
Select +IN13, -IN13; Channel 13
0x1D
29
Select_Input_14 Select Channel 14
C
0
Select +IN14, -IN14; Channel 14
0x1E
30
Select_Input_15 Select Channel 15
C
0
Select +IN15, -IN15; Channel 15
0x1F
31
Select_Input_16 Select Channel 16
C
0
Select +IN16, -IN16; Channel 16
Note: Register Numbers not listed above have no function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com