Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC2005ISO8X Datasheet(PDF) 9 Page - Exar Corporation

Part # CLC2005ISO8X
Description  Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CLC2005ISO8X Datasheet(HTML) 9 Page - Exar Corporation

Back Button CLC2005ISO8X Datasheet HTML 5Page - Exar Corporation CLC2005ISO8X Datasheet HTML 6Page - Exar Corporation CLC2005ISO8X Datasheet HTML 7Page - Exar Corporation CLC2005ISO8X Datasheet HTML 8Page - Exar Corporation CLC2005ISO8X Datasheet HTML 9Page - Exar Corporation CLC2005ISO8X Datasheet HTML 10Page - Exar Corporation CLC2005ISO8X Datasheet HTML 11Page - Exar Corporation CLC2005ISO8X Datasheet HTML 12Page - Exar Corporation CLC2005ISO8X Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
© 2007-2015 Exar Corporation
9 / 19
exar.com/CLC1005
Rev 2D
CLC1005, CLC1015, CLC2005
Typical Performance Characteristics
TA = 25°C, VS = +5V, RL = 2kΩ to VS/2, G = +2, RF = 2kΩ; unless otherwise noted.
2nd Harmonic Distortion vs VO
3rd Harmonic Distortion vs VO
2nd & 3rd Harmonic Distortion VS = +5V
2nd & 3rd Harmonic Distortion VS = +2.7V
Frequency Response vs.Temperature
Input Voltage Noise vs Frequency
Frequency (MHz)
1
10
100
Frequency (Hz)
1k
10k
100k
1M
0
10
20
30
40
50
60
70
80
90
100
Frequency (MHz)
0
5
10
15
3rd
RL = 150Ω
20
2nd
RL = 150Ω
3rd
RL = 2kΩ
2nd
RL = 2kΩ
-90
-80
-70
-60
-50
-40
-30
-20
Vo = 2Vpp
Rf = 1kΩ
Frequency (MHz)
0
5
10
15
2nd
RL = 150Ω
20
3rd
RL = 150Ω
3rd
RL = 2kΩ
2nd
RL = 2kΩ
-90
-80
-70
-60
-50
-40
-30
-20
Vo = 1Vpp
Rf = 1kΩ
Output Amplitude (Vpp)
0.5
1.0
1.5
2.0
20MHz
10MHz
5MHz
2.5
-90
-80
-70
-60
-50
-40
-30
-20
Rf = 1kΩ
2MHz
Output Amplitude (Vpp)
0.5
1.0
1.5
2.0
20MHz
10MHz
5MHz
2.5
-90
-80
-70
-60
-50
-40
-30
-20
Rf = 1kΩ
2MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com