Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR76201 Datasheet(PDF) 7 Page - Exar Corporation

Part # XR76201
Description  40V PowerBloxTM 1.5A Synchronous Step-Down COT Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR76201 Datasheet(HTML) 7 Page - Exar Corporation

Back Button XR76201 Datasheet HTML 3Page - Exar Corporation XR76201 Datasheet HTML 4Page - Exar Corporation XR76201 Datasheet HTML 5Page - Exar Corporation XR76201 Datasheet HTML 6Page - Exar Corporation XR76201 Datasheet HTML 7Page - Exar Corporation XR76201 Datasheet HTML 8Page - Exar Corporation XR76201 Datasheet HTML 9Page - Exar Corporation XR76201 Datasheet HTML 10Page - Exar Corporation XR76201 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
XR
76201
7/16
REV1A
Typical Performance Characteristics (Continued)
Unless otherwise noted: VIN = 24V, VOUT = 3.3V, IOUT = 1.5A, f = 600kHz, TA = 25°C. Application Circuit from the Application
Information section.
30
40
50
60
70
-40
TJ (°C)
-20
0
20
120
40
60
80
100
1.0
1.2
1.4
1.6
1.8
2.2
0.8
RLIM (k )
1.0
1.4
1.6
1.8
1.2
2.0
Figure 9.
IOCP vs. RLIM
Figure 10.
ILIM vs. temperature
430
520
530
TJ (°C)
510
500
490
480
470
460
450
440
-40
-20
0
20
120
40
60
80
100
590
595
600
605
610
-40
TJ (°C)
-20
0
20
120
40
60
80
100
Figure 11.
VREF vs. Temperature
Figure 12.
tON vs. Temperature, RON = 35.7kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com