Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPP Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # MPP
Description  High Ripple Current ??Low ESR ??High Reliability
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

MPP Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  MPP Datasheet HTML 1Page - Illinois Capacitor, Inc. MPP Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MPP
Board mount radial lead
round tube
Capacitance
(µF)
WVDC
IC PART NUMBER
dv/dt
(V/μsec)
Maximum RMS Ripple Current
(A) 10 kHz - 100 kHz, +25°C
Maximum
ESR (mΩ)
100
kHz,+25°C
Dimensions
DxL (mm)
+5°C
+10°C
+15°C
4.7
1500
475MPP152KS2P
73
15
11.5
7.8
15
36x54
7.5
1200
755MPP122KS2P
61
16
12
8.4
13.5
36x54
10
1000
106MPP102KS2P
51
17.5
13.5
9
12
36x54
13.5
900
136MPP900KS2P
42
18
14.5
9.6
10.5
36x54
15
800
156MPP800KS2P
41
18.5
15
9.8
10
36x54
20
750
206MPP750KS2P
38
19
16
10
10
36x54
30
400
306MPP400KS2P
30
24
19
14.5
6
36x54
30
600
306MPP600KS2P
30
20
17
12
9
36x54
35
500
356MPP500KS2P
27
22
18
13
8
36x54



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com