Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPTS Datasheet(PDF) 3 Page - Illinois Capacitor, Inc.

Part # MPTS
Description  High Capacitance ??High Voltage - Low Profile
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

MPTS Datasheet(HTML) 3 Page - Illinois Capacitor, Inc.

  MPTS Datasheet HTML 1Page - Illinois Capacitor, Inc. MPTS Datasheet HTML 2Page - Illinois Capacitor, Inc. MPTS Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MPTS
Metallized Polypropylene
round tube with screw
terminals
Capacitance
(µF)
WVDC
IC PART NUMBER
Resonant
Frequency
(kHz)
Maximum
RMS Ripple
Current
(A)
10 kHz,
+70°C
Typical
ESR (mΩ)
1 kHz,
+25°C
Thermal
Resistance
(°C/W)
Dims DxL
(mm)
33
1400
336MPTS142KHA#
0
64
0.8
21
85x40
47
1200
476MPTS122KHA#
0
67
0.7
22
85x40
52
1400
526MPTS142KHA#
0
60
1.1
24
85x51
66
1000
666MPTS102KHA#
0
70
0.6
21
85x40
70
1200
706MPTS122KHA#
0
65
1
22
85x51
70
1400
706MPTS142KHB#
0
59
1.4
22
85x64
100
800
107MPTS800KHA#
0
74
0.5
23
85x40
100
1000
107MPTS102KHA#
0
68
0.8
22
85x51
100
1200
107MPTS122KHB#
0
64
1.3
24
85x64
140
1000
147MPTS102KHB#
0
65
1
23
85x64
160
800
167MPTS800KHA#
0
73
0.8
24
85x51
220
800
227MPTS800KHB#
0
72
1
21
85x64



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com