Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

387MDCL202KPN Datasheet(PDF) 3 Page - Illinois Capacitor, Inc.

Part # 387MDCL202KPN
Description  Male/female lead styles - High voltage/current ??Low ESR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

387MDCL202KPN Datasheet(HTML) 3 Page - Illinois Capacitor, Inc.

  387MDCL202KPN Datasheet HTML 1Page - Illinois Capacitor, Inc. 387MDCL202KPN Datasheet HTML 2Page - Illinois Capacitor, Inc. 387MDCL202KPN Datasheet HTML 3Page - Illinois Capacitor, Inc. 387MDCL202KPN Datasheet HTML 4Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MDCL
Metallized Polypropylene,
round tube capacitor
Capacitance
(µF)
WVDC
IC PART NUMBER
dv/dt
(v/µ sec.)
Maximum
RMS Ripple
Current
(A)
100 kHz,
+70°C
Typical
ESR (mΩ)
100 kHz,
+25°C
Self
Inductance
(nH)
Dims DxL
(mm)
Lead
Spacing
S+-2
(mm)
Thermal
Resistance
(°C/W)
80
2000
806MDCL202KFG#
20
55
2.8
38
76x130
32
8
100
2000
107MDCL202KFH#
15
30
3.6
54
76x145
32
8
105
2000
107MDCL202KHG#
18
60
2.8
38
86x130
32
8
120
2000
127MDCL202KFK#
15
55
2.4
20
76x180
32
8
125
1100
127MDCL112KFC#
15
35
4.5
22
76x80
32
8
130
2000
137MDCL202KKG#
18
65
2.2
38
96x130
45
8
160
2000
167MDCL202KHK#
15
65
3.5
20
86x180
32
8
170
2000
177MDCL202KKH#
12
45
3.3
54
96x145
45
8
180
1500
187MDCL152KHG#
15
55
2.5
38
86x130
32
8
200
450
207MDCL450KFC#
15
50
4
22
76x80
32
8
200
1500
207MDCL152KFK#
12
55
2.7
20
76x180
32
8
200
2000
207MDCL202KHN#
12
65
2.5
86x225
32
8
205
2000
207MDCL202KKK#
12
75
2.4
20
96x180
45
8
230
1500
237MDCL152KKG#
12
65
1.8
38
96x130
45
8
250
1100
257MDCL112KFG#
15
60
2.8
38
76x130
32
8
260
1500
267MDCL152KHK#
10
60
3.2
20
86x180
32
8
275
1100
277MDCL112KFF#
12
35
3.2
54
76x125
32
8
300
1100
307MDCL112KFH#
15
60
3.8
38
76x150
32
8
320
1100
327MDCL112KFH#
12
35
3.6
54
76x145
32
8
330
900
337MDCL900KFF#
15
35
3.2
54
76x125
32
8
330
1100
337MDCL112KHG#
15
65
2.8
38
86x130
32
8
330
1500
337MDCL152KKK#
8
70
1
20
96x180
45
8
350
1100
357MDCL112KHF#
12
40
3.1
54
86x125
32
8
350
1500
357MDCL152KPF#
8
50
0.75
116x125
50
8
380
2000
387MDCL202KPN#
10
80
1.3
116x230
50
8
400
450
407MDCL450KFG#
15
60
2.5
38
76x130
32
8
400
700
407MDCL700KFG#
12
50
2.8
38
76x130
32
8
400
2000
407MDCL202KTK#
7
100
1
20
136x180
50
8
420
700
427MDCL700KFF#
10
35
3.2
54
76x125
32
8
420
1100
427MDCL112KHG#
12
60
2
38
86x136
32
8
420
1100
427MDCL112KHH#
12
75
1.5
38
86x155
32
8
450
900
457MDCL900KHG#
12
55
2.7
38
86x130
32
8
460
1500
467MDCL152KPK#
7
75
0.8
116x180
50
8
500
1100
507MDCL112KKG#
15
70
1.6
38
96x130
45
8
500
1100
507MDCL112KHK#
10
70
3.2
20
86x180
32
8
510
700
517MDCL700KFH#
10
35
3.5
54
76x145
32
8
510
900
517MDCL900KHH#
10
55
2.5
38
86x155
32
8
520
450
527MDCL450KHG#
15
65
2.4
38
86x130
32
8
520
700
527MDCL700KHG#
12
65
2.7
38
86x130
32
8
550
1100
557MDCL112KKH#
10
50
3.2
54
96x145
45
8
550
2000
557MDCL202KTN#
7
100
0.95
136x230
50
8
600
450
607MDCL450KFK#
12
60
1.9
20
76x180
32
8
600
700
607MDCL700KFK#
10
60
2.2
20
76x180
32
8
600
1100
607MDCL112KHN#
10
65
2.5
86x225
32
8
650
700
657MDCL700KHH#
10
60
2.5
38
86x155
32
8
650
1100
657MDCL112KPG#
10
50
1.8
38
116x130
50
8
660
450
667MDCL450KKG#
15
70
1.7
38
96x130
45
8
660
700
667MDCL700KKG#
12
70
2.1
38
96x130
45
8
660
1500
667MDCL152KTK#
6
90
0.9
136x180
50
8
680
900
687MDCL900KHK#
8
70
3.2
20
86x180
32
8
750
900
757MDCL900KPG#
8
65
1.8
38
116x130
50
8
750
1100
757MDCL112KPH#
8
55
1.4
38
116x150
50
8
800
450
807MDCL450KHK#
10
70
2.9
20
86x180
32
8
800
700
807MDCL700KHK#
8
70
3.2
20
86x180
32
8
900
1500
907MDCL152KTN#
6
100
0.8
20
136x230
50
8
950
1100
957MDCL112KTF#
8
50
1.8
20
136x125
50
8
1000
450
108MDCL450KKK#
10
85
1.8
20
96x180
45
8
1000
700
108MDCL700KKK#
8
75
2.2
20
96x180
45
8



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com