Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBTS3384 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # CBTS3384
Description  10-bit bus switch with 5-bit output enables and Schottky undershoot protection
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CBTS3384 Datasheet(HTML) 3 Page - NXP Semiconductors

  CBTS3384 Datasheet HTML 1Page - NXP Semiconductors CBTS3384 Datasheet HTML 2Page - NXP Semiconductors CBTS3384 Datasheet HTML 3Page - NXP Semiconductors CBTS3384 Datasheet HTML 4Page - NXP Semiconductors CBTS3384 Datasheet HTML 5Page - NXP Semiconductors CBTS3384 Datasheet HTML 6Page - NXP Semiconductors CBTS3384 Datasheet HTML 7Page - NXP Semiconductors CBTS3384 Datasheet HTML 8Page - NXP Semiconductors CBTS3384 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Philips Semiconductors
Product data
CBTS3384
10-bit bus switch with 5-bit output enables
and Schottky undershoot protection
2002 Dec 13
3
LOGIC SYMBOL
1A1
1A5
2A1
2A5
1B1
1B5
2B1
2B5
3
11
2
10
14
22
15
23
SA00504
13
1
2OE
1OE
FUNCTION TABLE
INPUTS
OUTPUTS
1OE
2OE
1A, 1B
2A, 2B
L
L
1A = 1B
2A= 2B
L
H
1A = 1B
Z
H
L
Z
2A = 2B
H
H
Z
Z
H = High voltage level
L
= Low voltage level
Z = High impedance “off” state
ABSOLUTE MAXIMUM RATINGS1, 2
SYMBOL
PARAMETER
CONDITIONS
RATING
UNIT
VCC
DC supply voltage
-0.5 to +7.0
V
IIK
DC input diode current
-50
mA
VI
DC input voltage3
-1.2 to +7.0
V
ISW
DC output diode current
VO < 0
±128
mA
Tstg
Storage temperature range
-65 to +150
°C
NOTES:
1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the
device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
2. The performance capability of a high-performance integrated circuit in conjunction with its thermal environment can create junction
temperatures which are detrimental to reliability. The maximum junction temperature of this integrated circuit should not exceed 150
°C.
3. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
RECOMMENDED OPERATING CONDITIONS
LIMITS
SYMBOL
PARAMETER
Min
Max
UNIT
VCC
DC supply voltage
4.5
5.5
V
VIH
High-level input voltage
2.0
V
VIL
Low-level Input voltage
0.8
V
Tamb
Operating free-air temperature range
-40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com