Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA-838-501G-R2 Datasheet(PDF) 2 Page - Copal Electronics

Part # PA-838-501G-R2
Description  PRESSURE TRANSDUCERS WITH AMP
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PA-838-501G-R2 Datasheet(HTML) 2 Page - Copal Electronics

  PA-838-501G-R2 Datasheet HTML 1Page - Copal Electronics PA-838-501G-R2 Datasheet HTML 2Page - Copal Electronics PA-838-501G-R2 Datasheet HTML 3Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
■ STANDARD SPECIFICATIONS
※1 In case of VCR type, corrosive gases/liquids compatible with SUS 316L and SUS 316.
※2 An “O” ring provided for G1/8 type. (Positive pressure : P15)
● Unless otherwise specified, the specs are defined at an ambient temperature of 25±5 °C, excitation voltage of 24 V DC and load resistance of 250
Ω.
PA-838
PRESSURE TRANSDUCERS WITH AMP.
Item
Pressure reference
Rated pressure range
kPa {kgf/cm2}
Maximum pressure
kPa {kgf/cm2}
Break-down pressure
kPa {kgf/cm2}
Operating temp. range
°C
Compensated temp. range
°C
Storage temp.
°C
Operating humidity
%RH
Pressure medium
Insulation resistance
M
Ω minimum
Dielectric strength
Sealed liquid
Pressure port
Net weight
g
Model number
PA-838
501G
102G
103G
Gauge
49.0 {0.5}
98.1 {1}
981 {10}
98.1 {1}
196 {2}
1961 {20}
147 {1.5}
294 {3}
2942 {30}
Corrosive gases/liquids compatible with SUS 316L
 ※1
Approx. 140
100 (500 V DC)
500 V AC, 60 s(Leakage current 1 mA maximum)
Silicone oil
G 1/8 (PF 1/8), R1/4 (PT 1/4), 1/4 VCR®
 ※2
0 ~ 50
35 ~ 85(No condensation)
− 20 ~ 70(Atmospheric pressure, humidity 65 %RH maximum)
− 20 ~ 70
g
Thermal error
0 ~ 50 °C (Reference temp.: 25 °C)
Ripple content
maximum
Output current
mA
Zero current
mA
Span current
mA
Load resistance
Linearity/Hysteresis
%F.S.
Response
ms
Gravitational effect (From vertical position to horizontal position)
4 ~ 20
4
± 0.2 (at 25 °C)
16
± 0.2 (at 25 °C)
0 ~ 500
Ω
± 0.5
Approx. 2
Approx. 0.5
Approx. 0.3
Approx. 0.05
10 % (P-P)
± 0.05/± 0.1
± 0.05/± 0.1
ZERO %F.S./°C
SPAN %F.S./°C
%F.S.
max.
Supply voltage
V DC
24
± 10 %
■ ENVIRONMENTAL CHARACTERISTICS
Test item
Test conditions (At 25
± 5 °C)
Permissible change
Vibration
10 ~ 500 Hz, 1.5 mm maximum/98.1 m/s2,
3 directions for 2 hours each
490 m/s2, 3 directions for 3 times each
0 ~ Rated pressure, 106 cycles
40 °C, 90 ~ 95 %RH, 240 hrs.
Zero current, Span current:
± 1 %F.S. maximum each
Shock
Pressure cycling
Moisture resistance



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com