Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDC304 Datasheet(PDF) 1 Page - Texas Instruments

Part # CDC304
Description  OCTAL DIVIDE-BY-2 CIRCUIT/CLOCK DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC304 Datasheet(HTML) 1 Page - Texas Instruments

  CDC304 Datasheet HTML 1Page - Texas Instruments CDC304 Datasheet HTML 2Page - Texas Instruments CDC304 Datasheet HTML 3Page - Texas Instruments CDC304 Datasheet HTML 4Page - Texas Instruments CDC304 Datasheet HTML 5Page - Texas Instruments CDC304 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CDC304
OCTAL DIVIDE-BY-2 CIRCUIT/CLOCK DRIVER
SCAS325A – JULY 1990 – REVISED NOVEMBER 1995
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Replaces SN74AS304
D Maximum Output Skew of 1 ns
D Maximum Pulse Skew of 1.5 ns
D TTL-Compatible Inputs and Outputs
D Center-Pin VCC and GND Configurations
Minimize High-Speed Switching Noise
D Package Options Include Plastic
Small-Outline (D) Package and Standard
Plastic (N) 300-mil DIPs
description
The CDC304 contains eight flip-flops designed to have low skew between outputs. The eight outputs (in-phase
with CLK) toggle on successive CLK pulses. Preset (PRE) and clear (CLR) inputs are provided to set the Q
outputs high or low independent of the clock (CLK) input.
The CDC304 has output and pulse-skew parameters tsk(o) and tsk(p) to ensure performance as a clock driver
when a divide-by-two function is required.
The CDC304 is characterized for operation from 0
°C to 70°C.
FUNCTION TABLE
INPUTS
OUTPUTS
CLR
PRE
CLK
Q1– Q8
L
H
X
L
H
LX
H
L
LX
L†
H
H
↑
Q0
H
H
L
Q0
† This configuration does not persist
when PRE or CLR returns to its
inactive (high) level.
logic symbol‡
S
10
R
14
11
CLK
Q1
15
Q2
16
Q3
1
Q4
2
Q5
6
Q6
7
T
PRE
CLR
Q7
8
Q8
9
‡ This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12.
Copyright
© 1995, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Q3
Q4
GND
GND
GND
Q5
Q6
Q7
Q2
Q1
CLR
VCC
VCC
CLK
PRE
Q8
D OR N PACKAGE
(TOP VIEW)


Similar Part No. - CDC304

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC304 TI1-CDC304 Datasheet
96Kb / 6P
Octal Divide By 2 Circuit/Clock Driver
CDC304D TI1-CDC304D Datasheet
96Kb / 6P
Octal Divide By 2 Circuit/Clock Driver
CDC304DR TI1-CDC304DR Datasheet
96Kb / 6P
Octal Divide By 2 Circuit/Clock Driver
CDC304N TI1-CDC304N Datasheet
96Kb / 6P
Octal Divide By 2 Circuit/Clock Driver
CDC304 TI1-CDC304_09 Datasheet
96Kb / 6P
Octal Divide By 2 Circuit/Clock Driver
More results

Similar Description - CDC304

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CGS74B303 NSC-CGS74B303 Datasheet
117Kb / 6P
Octal Divide-by-2 Skew Clock Driver
logo
Texas Instruments
CDC303 TI-CDC303 Datasheet
112Kb / 1P
OCTAL DIVIDE-BY-2 CIRCUIT/CLOCK DRIVER
CDC305 TI-CDC305 Datasheet
114Kb / 7P
OCTAL DIVIDE-BY-2 CIRCUIT/CLOCK DRIVER
logo
Maxim Integrated Produc...
MAX9322 MAXIM-MAX9322 Datasheet
220Kb / 13P
LVECL/LVPECL 1:15 Differential Divide-by-1/Divide-by-2 Clock Driver
Rev 1; 12/02
logo
Hittite Microwave Corpo...
HMC791LC4B HITTITE-HMC791LC4B_10 Datasheet
738Kb / 10P
28 GHz CLOCK DIVIDE-BY-2 / DIVIDE-BY-4
logo
Texas Instruments
SN74AS304 TI1-SN74AS304 Datasheet
171Kb / 7P
OCTAL DIVIDE-BY-2 CIRCUITS/CLOCK DRIVERS
SN74AS305 TI1-SN74AS305 Datasheet
180Kb / 7P
OCTAL DIVIDE-BY-2-CIRCUIT / CLOCK DRIVER
CDC304 TI1-CDC304_09 Datasheet
96Kb / 6P
Octal Divide By 2 Circuit/Clock Driver
SN74AS303 TI1-SN74AS303 Datasheet
174Kb / 7P
OCTAL DIVIDE-BY-2 CIRCUIT/CLOCK DRIVER
logo
Maxim Integrated Produc...
MAX9322 MAXIM-MAX9322_V01 Datasheet
194Kb / 13P
LVECL/LVPECL 1:15 Differential Divide-by-1/Divide-by-2 Clock Driver
19-2544; Rev 2; 2/07
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com