Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

108LBA080M2AC Datasheet(PDF) 6 Page - Illinois Capacitor, Inc.

Part # 108LBA080M2AC
Description  Multiple case sizes - High voltage ??High Current
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

108LBA080M2AC Datasheet(HTML) 6 Page - Illinois Capacitor, Inc.

  108LBA080M2AC Datasheet HTML 1Page - Illinois Capacitor, Inc. 108LBA080M2AC Datasheet HTML 2Page - Illinois Capacitor, Inc. 108LBA080M2AC Datasheet HTML 3Page - Illinois Capacitor, Inc. 108LBA080M2AC Datasheet HTML 4Page - Illinois Capacitor, Inc. 108LBA080M2AC Datasheet HTML 5Page - Illinois Capacitor, Inc. 108LBA080M2AC Datasheet HTML 6Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
LBA
+85°C Standard 2000 hrs
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Maximum
RMS Ripple
Current (A)
120 Hz,
+85°C
Dims DxL
(mm)
10000
50
109LBA050M2EE
58.03
4.7
35x35
10000
50
109LBA050M2DF
58.03
5.08
30x40
10000
63
109LBA063M2DH
49.74
5.78
30x50
10000
63
109LBA063M2EG
49.74
5.2
35x45
10000
80
109LBA080M2EH
41.45
6.63
35x50
12000
10
129LBA010M2AD
75.99
2.44
20x30
12000
10
129LBA010M2BC
75.99
2.41
22x25
12000
16
129LBA016M2AF
69.08
3.2
20x40
12000
16
129LBA016M2BD
69.08
3.13
22x30
12000
16
129LBA016M2CC
69.08
3.01
25x25
12000
25
129LBA025M2BF
62.17
3.77
22x40
12000
25
129LBA025M2CE
62.17
3.63
25x35
12000
25
129LBA025M2DC
62.17
3.8
30x25
12000
35
129LBA035M2CG
55.26
4.15
25x45
12000
35
129LBA035M2DE
55.26
4.14
30x35
12000
35
129LBA035M2ED
55.26
4.27
35x30
12000
50
129LBA050M2DH
48.35
5.72
30x50
12000
50
129LBA050M2EF
48.35
5.69
35x40
15000
10
159LBA010M2AE
60.79
2.9
20x35
15000
10
159LBA010M2BD
60.79
2.88
22x30
15000
16
159LBA016M2BE
55.26
3.69
22x35
15000
16
159LBA016M2CD
55.26
3.64
25x30
15000
16
159LBA016M2BF
55.26
3.94
22x40
15000
16
159LBA016M2DC
55.26
3.51
30x25
15000
25
159LBA025M2BH
49.74
4.21
22x50
15000
25
159LBA025M2CF
49.74
4.1
25x40
15000
25
159LBA025M2DD
49.74
4
30x30
15000
35
159LBA035M2DF
44.21
5.07
30x40
15000
35
159LBA035M2EE
44.21
5
35x35
15000
50
159LBA050M2EG
38.68
5.9
35x45
18000
10
189LBA010M2AF
50.66
3.31
20x40
18000
10
189LBA010M2BE
50.66
3.22
22x35
18000
10
189LBA010M2CD
50.66
3.08
25x30
18000
16
189LBA016M2BF
46.05
3.98
22x40
18000
16
189LBA016M2CE
46.05
3.98
25x35
18000
16
189LBA016M2DD
46.05
3.88
30x30
18000
25
189LBA025M2CG
41.45
4.68
25x45
18000
25
189LBA025M2DE
41.45
4.66
30x35
18000
25
189LBA025M2ED
41.45
4.68
35x30
18000
35
189LBA035M2DG
36.84
5.3
30x45
18000
35
189LBA035M2EF
36.84
5.71
35x40
18000
50
189LBA050M2EH
32.24
7.14
35x50
22000
10
229LBA010M2BF
41.45
3.79
22x40
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Maximum
RMS Ripple
Current (A)
120 Hz,
+85°C
Dims DxL
(mm)
22000
10
229LBA010M2CD
41.45
3.66
25x30
22000
16
229LBA016M2CF
37.68
4.44
25x40
22000
16
229LBA016M2CH
37.68
4.52
25x50
22000
16
229LBA016M2EC
37.68
4.13
35x25
22000
16
229LBA016M2BH
37.68
5.23
22x50
22000
16
229LBA016M2DD
37.68
4.45
30x30
22000
25
229LBA025M2EE
33.91
5.73
35x35
22000
25
229LBA025M2DF
33.91
5.33
30x40
22000
35
229LBA035M2EG
30.14
6.25
35x45
27000
10
279LBA010M2CE
33.77
4.04
25x35
27000
10
279LBA010M2DD
33.77
3.99
30x30
27000
16
279LBA016M2CG
30.7
4.98
25x45
27000
16
279LBA016M2DE
30.7
4.95
30x35
27000
16
279LBA016M2ED
30.7
4.82
35x30
27000
25
279LBA025M2DG
27.63
6.02
30x45
27000
25
279LBA025M2EF
27.63
6.02
35x40
27000
35
279LBA035M2EH
24.56
6.9
35x50
33000
10
339LBA010M2BH
27.63
4.58
22x50
33000
10
339LBA010M2CF
27.63
4.56
25x40
33000
10
339LBA010M2DD
27.63
4.58
30x30
33000
16
339LBA016M2CH
25.12
5.49
25x50
33000
16
339LBA016M2DF
25.12
5.8
30x40
33000
16
339LBA016M2ED
25.12
5.15
35x30
33000
25
339LBA025M2EH
22.61
7.2
35x50
33000
25
339LBA025M2EG
22.61
6.75
35x45
39000
10
399LBA010M2CG
25.93
5.29
25x45
39000
10
399LBA010M2DE
25.93
5.21
30x35
39000
10
399LBA010M2ED
25.93
5.5
35x30
39000
16
399LBA016M2DG
0.02
6.21
30x45
39000
16
399LBA016M2EE
0.02
6.12
35x35
39000
25
399LBA025M2EH
0.02
7.56
35x50
47000
10
479LBA010M2CH
24.34
5.78
25x50
47000
10
479LBA010M2DF
24.34
5.78
30x40
47000
10
479LBA010M2EE
24.34
5.55
35x35
47000
16
479LBA016M2DH
22.58
6.78
30x50
47000
16
479LBA016M2EF
22.58
6.71
35x40
56000
10
569LBA010M2DG
23.09
6.59
30x45
56000
10
569LBA010M2EE
23.09
6.4
35x35
56000
16
569LBA016M2EG
21.61
7.69
35x45
68000
10
689LBA010M2DH
21.94
7.5
30x50
68000
10
689LBA010M2EF
21.94
7.48
35x40
82000
10
829LBA010M2EH
21.03
8.5
35x50



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com