Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8405A Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS8405A
Description  96 KHZ DIGITAL AUDIO INTERFACE TRANSMITTER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8405A Datasheet(HTML) 4 Page - Cirrus Logic

  CS8405A Datasheet HTML 1Page - Cirrus Logic CS8405A Datasheet HTML 2Page - Cirrus Logic CS8405A Datasheet HTML 3Page - Cirrus Logic CS8405A Datasheet HTML 4Page - Cirrus Logic CS8405A Datasheet HTML 5Page - Cirrus Logic CS8405A Datasheet HTML 6Page - Cirrus Logic CS8405A Datasheet HTML 7Page - Cirrus Logic CS8405A Datasheet HTML 8Page - Cirrus Logic CS8405A Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
CS8405A
4
DS469PP4
1. CHARACTERISTICS AND SPECIFICATIONS
POWER AND THERMAL CHARACTERISTICS (DGND = 0 V, all voltages with respect to
ground)
Notes: 1. -CS’ and ‘-CZ’ parts are specified to operate over -10 ° C to 70° C but are tested at 25° C only.
2. ‘- IS’ and ‘-IZ’ parts are tested over the full -40°C to 85°C temperature range.
ABSOLUTE MAXIMUM RATINGS (DGND = 0V, all voltages with respect to ground)
Notes: 3. Transient currents of up to 100 mA will not cause SCR latch-up.
Parameter
Symbol
Min
Typ
Max
Units
Power Supply Voltage
VD+
VL+
4.5
2.85
5.0
-
5.5
5.5
V
V
Supply Current at 48 kHz frame rate
VD+
VL+ = 3V
VL+ = 5V
-
-
-
6.3
30.1
46.5
-
-
-
mA
mA
mA
Supply Current at 96 kHz frame rate
VD+
VL+ = 3V
VL+ = 5V
-
-
-
6.6
44.8
76.6
-
-
-
mA
mA
mA
Supply Current in power down
Reset high, VD+
Reset high, VL+ = 3V
Reset high, VL+ = 5V
-
-
-
20
60
60
-
-
-
µA
µA
µA
Ambient Operating Temperature:CS8405-CS & -CZ (Note 1)
CS8405-IS & -IZ
(Note 2)
TA
-10
-40
25
70
85
°C
Parameter
Symbol
Min
Max
Units
Power Supply Voltage
VD/VL+
-
6.0
V
Input Current, Any Pin Except Supply
(Note 3)
Iin
-±10
mA
Input Voltage
Vin
-0.3
(VL+) + 0.3
V
Ambient Operating Temperature (power applied)
TA
-55
125
°C
Storage Temperature
Tstg
-65
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com