Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8405 Datasheet(PDF) 30 Page - Cirrus Logic

Part # CS8405
Description  96 KHZ DIGITAL AUDIO INTERFACE TRANSMITTER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8405 Datasheet(HTML) 30 Page - Cirrus Logic

Back Button CS8405 Datasheet HTML 26Page - Cirrus Logic CS8405 Datasheet HTML 27Page - Cirrus Logic CS8405 Datasheet HTML 28Page - Cirrus Logic CS8405 Datasheet HTML 29Page - Cirrus Logic CS8405 Datasheet HTML 30Page - Cirrus Logic CS8405 Datasheet HTML 31Page - Cirrus Logic CS8405 Datasheet HTML 32Page - Cirrus Logic CS8405 Datasheet HTML 33Page - Cirrus Logic CS8405 Datasheet HTML 34Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
CS8405A
30
DS469PP4
12. APPLICATIONS
12.1
Reset, Power Down and Start-up
When RST is low, the CS8405A enters a low pow-
er mode and all internal states are reset, including
the control port and registers, and the outputs are
disabled. When RST is high, the control port be-
comes operational and the desired settings should
be loaded into the control registers. Writing a 1 to
the RUN bit will then cause the part to leave the
low power state and begin operation.
12.2
ID Code and Revision Code
The CS8405A has a register that contains a four-bit
code to indicate that the addressed device is a
CS8405A. This is useful when other CS84XX fam-
ily members are resident in the same or similar sys-
tems, allowing common software modules.
The CS8405A four-bit revision level code is also
available. This allows the software driver for the
CS8405A to identify which revision of the device
is in a particular system, and modify its behavior
accordingly. To allow for future revisions, it is
strongly recommended that the revision code is
read into a variable area within the microcontroller,
and used wherever appropriate as revision details
become known.
12.3
Power Supply, Grounding, and PCB
layout
The CS8405A operates from a +5V supply. It may
also be operated with VD+ at +5V and the other
VL+ pins at +3.3 V. Follow normal supply decou-
pling practices, see Figure 5. The VL+ supplies
should be decoupled with a 0.1
µF capacitor to
DGND to minimize AES3 transmitter induced
transients.
Extensive use of power and ground planes, ground
plane fill in unused areas and surface mount decou-
pling capacitors are recommended. Decoupling ca-
pacitors should be mounted on the same side of the
board as the CS8405A to minimize inductance ef-
fects, and all decoupling capacitors should be as
close to the CS8405A as possible.
12.4
Synchronization of Multiple
CS8405As
The AES3 transmitters of multiple CS8405As can
be synchronized if all devices share the same mas-
ter clock, TCBL, and RST signals and all exit the
reset state on the same master clock falling edge.
The TCBL pin is used to synchronize multiple
CS8405A AES3 transmitters at the channel status
block boundaries. One CS8405A must have its
TCBL set to master; the others must be set to slave
TCBL. Alternatively, TCBL can be derived from
external logic, whereby all CS8405A devices
should be set to slave TCBL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com