Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUP22CF Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BUP22CF
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BUP22CF Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BUP22CF Datasheet HTML 1Page - Inchange Semiconductor Company Limited BUP22CF Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2
isc Silicon NPN Power Transistor
BUP22BF/CF
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX UNIT
VCEO(SUS)
Collector-Emitter
Sustaining Voltage
BUP22BF
IC=50mA ;IB= 0
400
V
BUP22CF
450
VCE(sat)
Collector-Emitter
Saturation Voltage
BUP22BF
IC= 6A; IB= 0.8A
1.5
V
BUP22CF IC= 6A; IB= 1A
1.5
VBE(sat)
Base-Emitter
Saturation Voltage
BUP22BF
IC= 6A; IB= 0.8A
1.5
V
BUP22CF IC= 6A; IB= 1A
1.5
ICES
Collector Cutoff Current
VCE= VCESmax;VBE= 0
VCE= VCESmax;VBE= 0; TJ= 125℃
1
2
mA
IEBO
Emitter Cutoff Current
VEB= 9V; IC=0
10
mA
hFE
DC Current Gain
IC= 1A; VCE= 5V
25
Switching Times; Resistive Load
ton
Turn-On Time
For BUP22BF
IC= 6A; IB1= -IB2= 0.8A
For BUP22CF
IC= 6A; IB1= -IB2= 1A
1.0
μ
s
ts
Storage Time
4.5
μ
s
tf
Fall Time
0.7
μ
s



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com