Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUP54 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BUP54
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BUP54 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BUP54 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BUP54 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2
isc Silicon NPN Power Transistor
BUP54
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= 20A; IB= 2A
0.6
V
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC= 40A ;IB= 5.5A
1.0
V
VBE(sat)-1
Base-Emitter Saturation Voltage
IC= 20A ;IB= 2A
1.2
V
VBE(sat)-2
Base-Emitter Saturation Voltage
IC= 40A ;IB= 4A
1.3
V
ICEX
Collector Cutoff Current
VCE= 500V;VBE= -1.5V
VCE= 500V;VBE= -1.5V;TC=125℃
0.1
5
mA
IEBO
Emitter Cutoff Current
VEB= 8V; IC= 0
0.1
mA
hFE-1
DC Current Gain
IC= 16A ; VCE= 4V
20
hFE-2
DC Current Gain
IC= 35A ; VCE= 4V
10
Switching Times
ts
Storage Time
IC= 20A; IB1=-IB2= 10A;
VCC= 200V; RC= 5Ω
1.8
μ
s
tf
Fall Time
0.35
μ
s



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com