Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

206429LPSTN Datasheet(PDF) 2 Page - CTS Corporation

Part # 206429LPSTN
Description  Right Angle Panel DIP Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

206429LPSTN Datasheet(HTML) 2 Page - CTS Corporation

  206429LPSTN Datasheet HTML 1Page - CTS Corporation 206429LPSTN Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ordering Information
SPST Series 206RA/208RA
NUMBER OF THROWS
ACTUATOR HEIGHT
LP – LOW PROFILE(Flush)
E – EXTENDED(3.43mm/.135")
BLANK – STANDARD(0.89mm/.035")
ACTUATION PRESET
BOTTOM EPOXY SEAL
1
2
206/208
2
LP
S
T
N
1 – SINGLE THROW
2 – DOUBLE THROWS
BLANK – (FOR SPST)
**
*
Extended: SPST only
Low profile: SPST & SPDT only
*
TOP TAPE SEAL
N – SHIP AT "ON" POSITION
BLANK – SHIP AT "OFF" POSITION
–
S - EPOXY SEAL
NUMBER OF POLES
1 – SINGLE POLE
2 – DOUBLE POLES
3 – 3 POLES
4 – 4 POLES
BLANK – (FOR SPST)
BLANK - NO EPOXY SEAL
RA
2 - 2
© 2014 CTS Corporation. All rights reserved. Information subject to change.
07/ /
www.ctscorp.com
Please find panel drawing of 206/208 RA DIP switches with SPDT,DPST,3PST circuitry from 206/208 series data sheet
Not available on extended
actuator
BLANK– NO TOP TAPE SEAL
T– TOP TAPE SEAL
*
*
CTS Electrocomponents
**
01
7.26 / .286
9.80 / .386
12.34 / .486
14.88 / .586
17.42 / .686
19.96 / .786
22.50 / .886
25.04 / .986
27.58 / 1.086
32.66 / 1.286
2
3
4
5
6
7
8
9
10
12
206/208- 2 RA
206/208- 3 RA
206/208- 4 RA
206/208- 5 RA
206/208- 6 RA
206/208- 7 RA
206/208- 8 RA
206/208- 9 RA
206/208-10 RA
206/208-12 RA
SPST Switches
"A" Overall
(mm/inch)
No of SW
positions
SPST P/N
Dimensions
No of SW
positions
SPDT&DPST Switches
1
2
3
4
5
6
3PST Switches
No of SW
positions
1
2
3
4
206/208-121RA
206/208-122RA
206/208-123RA
206/208-124RA
206/208-125RA
206/208-126RA
206/208-211RA
206/208-212RA
206/208-213RA
206/208-214RA
206/208-215RA
206/208-216RA
206/208-311RA
206/208-312RA
206/208-313RA
206/208-314RA
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
Standard Part #
SPDT P/N DPST P/N
3PST P/N
NUMBER OF SWITCH POSITIONS
1 – 1 POSITION
2 – 2 POSITIONS
3 – 3 POSITIONS
4 – 4 POSITIONS
5 – 5 POSITIONS
6 – 6 POSITIONS
7 – 7 POSITIONS
8 – 8 POSITIONS
9 – 9 POSITIONS
10 – 10 POSITIONS
12 – 12 POSITIONS
14
Contact CTS for other common
features not listed.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com