Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

208124LPSTN Datasheet(PDF) 1 Page - CTS Corporation

Part # 208124LPSTN
Description  Right Angle Panel DIP Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

208124LPSTN Datasheet(HTML) 1 Page - CTS Corporation

  208124LPSTN Datasheet HTML 1Page - CTS Corporation 208124LPSTN Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Right Angle Panel
DIP Switches
Features
Optimized Mechanical Features
• Designed for panel applications
Saves cost of right angle socket
• Multiple circuit configurations available
• Standard 2.54mm (.100") x 2.54mm (.100") centers, uses
minimum PCB real estate
• Sealed version optional: assures contaminant-free switch
operation after wave soldering and cleaning
Optimized Contact System
• Contact wiping action on make and break
• Integral terminal and contact locked into high temperature
• Electrostatic discharge shield rated to 22 KV
Materials
• Series 206RA, gold plated contacts for long-term contact
corrosion resistance
• UL 94V-0 plastics
Series 206RA/ 208RA
Electrical and Mechanical Specifications
Switch Function
Insulation Resistance
1,000 megohms minimum between insulated
terminals
Dielectric Strength
500 VAC for 1 minute between adjacent
switches
Nonswitching Rating
100 mA or 50 VDC maximum
Switch Capacitance
5.0 pF maximum between adjacent closed switches
Operating Temperature
–55°C to +85°C
Actuation Life
Series 206RA: 10,000 cycles switching 50 mA @ 24 VDC
Series 208RA: 2,000 cycles switching 50 mA @ 24 VDC
Allowable Solder Time
Wave soldering up to 5 seconds at 260°C
Vibration
Per MIL-STD-202F, method 204D, condition B
(.06" or 15 G's between 10 HZ to 2K HZ)
with no contact inconsistencies greater than
1 microsecond
Shock
Per MIL-STD-202F, method 213B, condition A
(50 G’s) with no contact inconsistencies
greater than 1 microsecond
Sealing
Bottom epoxy seal optional
Top tape seal optional
Marking
Special side or top marking available-consult CTS
SPST - 2 through 10 and 12 positions
SPDT&DPST- 1 through 6 positions
3PST - 1 through 4 positions
Series 206RA – Premium Gold Plated Contacts
Series 208RA – Economical Tin Plated Contacts
• Available with low profile, standand, or extended
actuators for SPST circuitry
• RoHS compliant
• Series 208RA,tin plated contacts
1 - 2
© 2014 CTS Corporation. All rights reserved. Information subject to change.
07/01/14
www.ctscorp.com
Packaging
Standard : Anti-Static tube packaging
plastic base
CTS Electrocomponents
®
Electrocomponents
Data Sheet
Data Sheet
Right Angle Panel DIP Switch
Switch Contact Resistance
Switch Series
Initial, max.
End of life , max.
206RA
50 milliohms
100 milliohms
208RA
100 milliohms
500 milliohms


Similar Part No. - 208124LPSTN

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
208124ESTN CTS-208124ESTN Datasheet
563Kb / 4P
Through Hole DIP Switch
More results

Similar Description - 208124LPSTN

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
RA-02 DBLECTRO-RA-02 Datasheet
627Kb / 2P
RIGHT ANGLE TYPE DIP SWITCH
logo
CTS Corporation
206RA CTS-206RA Datasheet
1Mb / 2P
Right Angle Panel DIP Switches
206-10RAST CTS-206-10RAST Datasheet
298Kb / 2P
Right Angle Panel DIP Switch
206-4RA CTS-206-4RA Datasheet
298Kb / 2P
Right Angle Panel DIP Switches
206-122RA CTS-206-122RA Datasheet
298Kb / 2P
Right Angle Panel DIP Switches
logo
Adam Technologies, Inc.
HDMI-S-RA-1 ADAM-TECH-HDMI-S-RA-1 Datasheet
117Kb / 1P
HDMI RIGHT ANGLE DIP CONNECTOR
HDMI-S-RA-1-02 ADAM-TECH-HDMI-S-RA-1-02 Datasheet
95Kb / 1P
HDMI RIGHT ANGLE DIP CONNECTOR
HDMI-S-RA-1-RF-02-KT-TR ADAM-TECH-HDMI-S-RA-1-RF-02-KT-TR Datasheet
113Kb / 1P
HDMI RIGHT ANGLE DIP CONNECTOR
HDMI-S-RA-1-RF-03-KT-TR ADAM-TECH-HDMI-S-RA-1-RF-03-KT-TR Datasheet
97Kb / 1P
HDMI RIGHT ANGLE DIP CONNECTOR
125SH-A-XX-TR ADAM-TECH-125SH-A-XX-TR Datasheet
108Kb / 1P
WAFER DIP RIGHT ANGLE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com