Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

568LMB016M2AC Datasheet(PDF) 4 Page - Illinois Capacitor, Inc.

Part # 568LMB016M2AC
Description  Multiple Case Sizes - High Voltage ??High Current
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

568LMB016M2AC Datasheet(HTML) 4 Page - Illinois Capacitor, Inc.

  568LMB016M2AC Datasheet HTML 1Page - Illinois Capacitor, Inc. 568LMB016M2AC Datasheet HTML 2Page - Illinois Capacitor, Inc. 568LMB016M2AC Datasheet HTML 3Page - Illinois Capacitor, Inc. 568LMB016M2AC Datasheet HTML 4Page - Illinois Capacitor, Inc. 568LMB016M2AC Datasheet HTML 5Page - Illinois Capacitor, Inc. 568LMB016M2AC Datasheet HTML 6Page - Illinois Capacitor, Inc. 568LMB016M2AC Datasheet HTML 7Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
LMB
+105°C, Extended life, 3000
hours
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Maximum
RMS Ripple
Current (A)
120 Hz,
+105°C
Dims DxL
(mm)
330
160
337LMB160M2AD 753.574
1.2
20x30
330
160
337LMB160M2BC 753.574
1.16
22x25
330
200
337LMB200M2BD 753.574
1.21
22x30
330
200
337LMB200M2CC 753.574
1.44
25x25
330
200
337LMB200M2AE 753.574
1.2
20x35
330
250
337LMB250M2BF 753.574
1.3
22x40
330
250
337LMB250M2BE 753.574
1.23
22x35
330
250
337LMB250M2CD 753.574
1.28
25x30
330
250
337LMB250M2DC 753.574
1.24
30x25
330
350
337LMB350M2CH 753.574
1.23
25x50
330
350
337LMB350M2DF
753.57
1.24
30x40
330
350
337LMB350M2ED 1255.96
1.21
35x30
330
350
337LMB350M2CG 1255.96
1.29
25x45
330
350
337LMB350M2DE 1255.96
1.34
30x35
330
400
337LMB400M2DG 1255.96
1.55
30x45
330
400
337LMB400M2DF
753.57
1.5
30x40
330
400
337LMB400M2ED 1255.96
1.5
35x30
330
450
337LMB450M2DH 1255.96
1.45
30x50
330
450
337LMB450M2EF 1255.96
1.45
35x40
330
450
337LMB450M2EG 1255.96
1.72
35x45
390
160
397LMB160M2AE
637.64
1.42
20x35
390
160
397LMB160M2BD 637.64
1.27
22x30
390
160
397LMB160M2CC
637.64
1.03
25x25
390
200
397LMB200M2BE
637.64
1.31
22x35
390
200
397LMB200M2CC
637.64
1.29
25x25
390
200
397LMB200M2AF
637.64
1.31
20x40
390
200
397LMB200M2CD 637.64
1.35
25x30
390
250
397LMB250M2BG 637.64
1.49
22x45
390
250
397LMB250M2DD 637.64
1.49
30x30
390
250
397LMB250M2BF
637.64
1.47
22x40
390
250
397LMB250M2CE
637.64
1.46
25x35
390
250
397LMB250M2DC 637.64
1.48
30x25
390
350
397LMB350M2CH 1062.73
1.51
25x50
390
350
397LMB350M2DF 1062.73
1.51
30x40
390
350
397LMB350M2DG 637.64
1.42
30x45
390
350
397LMB350M2EE 1062.73
1.4
35x35
390
400
397LMB400M2DG 1062.73
1.6
30x45
390
400
397LMB400M2EE 1062.73
1.7
35x35
390
450
397LMB450M2EH 1062.73
1.96
35x50
390
450
397LMB450M2EF 1062.73
1.55
35x40
470
160
477LMB160M2AF 529.106
1.34
20x40
470
160
477LMB160M2BD 529.106
1.51
22x30
470
160
477LMB160M2CC 529.106
1.5
25x25
470
200
477LMB200M2BF 529.106
1.52
22x40
470
200
477LMB200M2CD 529.106
1.45
25x30
470
200
477LMB200M2DC 529.106
1.5
30x25
470
250
477LMB250M2BH 529.106
1.66
22x50
470
250
477LMB250M2CF 529.106
1.61
25x40
470
250
477LMB250M2DD 529.106
1.59
30x30
470
250
477LMB250M2EC 529.106
1.63
35x25
470
350
477LMB350M2EF 529.106
1.62
35x40
470
350
477LMB350M2DG 881.842
1.65
30x45
470
350
477LMB350M2EE 881.842
1.69
35x35
470
400
477LMB400M2EF 881.842
2.07
35x40
560
100
567LMB100M2AC 740.118
0.95
20x25
560
160
567LMB160M2BE 444.071
1.66
22x35
560
160
567LMB160M2CD 444.071
1.65
25x30
560
160
567LMB160M2DC 444.071
1.66
30x25
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Maximum
RMS Ripple
Current (A)
120 Hz,
+105°C
Dims DxL
(mm)
560
200
567LMB200M2BF 444.071
1.7
22x40
560
200
567LMB200M2CE 444.071
1.68
25x35
560
200
567LMB200M2DD 444.071
1.7
30x30
560
200
567LMB200M2BG 444.071
1.67
22x45
560
200
567LMB200M2DC 444.071
1.67
30x25
560
250
567LMB250M2CG 444.071
1.85
25x45
560
250
567LMB250M2DE 444.071
1.85
30x35
560
250
567LMB250M2EC
444.07
1.78
35x25
560
350
567LMB350M2EG 740.118
1.86
35x45
560
350
567LMB350M2DH 740.118
1.85
30x50
560
350
567LMB350M2ED 740.118
1.91
35x30
560
350
567LMB350M2EF 740.118
1.9
35x40
560
400
567LMB400M2EG 740.118
2.36
35x45
680
100
687LMB100M2AD 487.607
1.15
20x30
680
100
687LMB100M2BC 487.607
1.09
22x25
680
160
687LMB160M2BF 365.705
1.8
22x40
680
160
687LMB160M2CE 365.705
2
25x35
680
160
687LMB160M2DC 365.705
1.82
30x25
680
200
687LMB200M2BG 365.705
1.82
22x45
680
200
687LMB200M2CE 365.705
1.79
25x35
680
200
687LMB200M2DD 365.705
1.84
30x30
680
200
687LMB200M2EC 365.705
1.8
35x25
680
200
687LMB200M2BH 365.705
1.75
22x50
680
200
687LMB200M2CF 365.705
1.82
25x40
680
250
687LMB250M2DF 365.705
2
30x40
680
250
687LMB250M2CH 365.705
2.14
25x50
680
250
687LMB250M2DE 365.705
2.04
30x35
680
250
687LMB250M2ED 365.705
2.1
35x30
680
350
687LMB350M2EG 609.509
2.2
35x45
680
400
687LMB400M2EH 609.509
2.4
35x50
820
80
827LMB080M2BC 505.446
1.04
22x25
820
100
827LMB100M2AE 404.357
1.31
20x35
820
100
827LMB100M2BD 404.357
1.4
22x30
820
160
827LMB160M2CF 303.268
2.04
25x40
820
160
827LMB160M2BG 303.268
2.02
22x45
820
160
827LMB160M2CE 303.268
2
25x35
820
160
827LMB160M2DD 303.268
2.03
30x30
820
160
827LMB160M2EC 303.268
2
35x25
820
200
827LMB200M2CG 303.268
2.07
25x45
820
200
827LMB200M2DD 303.268
2.05
30x30
820
200
827LMB200M2DE 303.268
2.04
30x35
820
200
827LMB200M2ED 303.268
2.15
35x30
820
250
827LMB250M2DG 303.268
2.49
30x45
820
250
827LMB250M2EE 303.268
2.45
35x35
1000
63
108LMB063M2AC 497.359
1.21
20x25
1000
63
108LMB063M2BC 414.466
0.91
22x25
1000
80
108LMB080M2BC 414.466
1.2
22x25
1000
80
108LMB080M2CC 414.466
0.99
25x25
1000
80
108LMB080M2AD 414.466
1.24
20x30
1000
100
108LMB100M2AE 331.573
1.43
20x35
1000
100
108LMB100M2BD 331.573
1.51
22x30
1000
100
108LMB100M2CC 331.573
1.55
25x25
1000
160
108LMB160M2CG 248.68
2.22
25x45
1000
160
108LMB160M2DE 248.68
2.21
30x35
1000
160
108LMB160M2EC
248.68
2.24
35x25
1000
200
108LMB200M2DF
248.68
2.3
30x40
1000
200
108LMB200M2EE
248.68
2.3
35x35
1000
200
108LMB200M2CH 248.68
2.53
25x50



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com