Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2575T-15 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2575T-15
Description  SIMPLE SWITCHER 1A Step-Down Voltage Regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2575T-15 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM2575T-15 Datasheet HTML 1Page - National Semiconductor (TI) LM2575T-15 Datasheet HTML 2Page - National Semiconductor (TI) LM2575T-15 Datasheet HTML 3Page - National Semiconductor (TI) LM2575T-15 Datasheet HTML 4Page - National Semiconductor (TI) LM2575T-15 Datasheet HTML 5Page - National Semiconductor (TI) LM2575T-15 Datasheet HTML 6Page - National Semiconductor (TI) LM2575T-15 Datasheet HTML 7Page - National Semiconductor (TI) LM2575T-15 Datasheet HTML 8Page - National Semiconductor (TI) LM2575T-15 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
Block Diagram and Typical Application
Connection Diagrams (XX indicates output voltage option. See Ordering Information table for complete part
number.)
Straight Leads
5–Lead TO-220 (T)
Bent, Staggered Leads
5-Lead TO-220 (T)
01147522
Top View
LM2575T-XX or LM2575HVT-XX
See NS Package Number T05A
01147523
Top View
01147524
Side View
LM2575T-XX Flow LB03 or
LM2575HVT-XX Flow LB03
See NS Package Number T05D
01147502
3.3V, R2 = 1.7k
5V, R2 = 3.1k
12V, R2 = 8.84k
15V, R2 = 11.3k
For ADJ. Version
R1 = Open, R2 = 0
Ω
Note: Pin numbers are for the TO-220 package.
FIGURE 1.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com