Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUX98PI Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BUX98PI
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BUX98PI Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BUX98PI Datasheet HTML 1Page - Inchange Semiconductor Company Limited BUX98PI Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2
isc Silicon NPN Power Transistor
BUX98PI
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)*
Collector-Emitter Sustaining Voltage
IC= 200mA ; L=25mH
450
V
VCE(sat)*
Collector-Emitter Saturation Voltage
IC= 20A ;IB= 4A
0.9
V
VBE(sat)*
Base-Emitter Saturation Voltage
IC= 20A ;IB= 4A
1.5
V
ICER
Collector Cutoff Current(RBE=5Ω)
VCE=VCEV;
VCE=VCEV;TC=100℃
0.2
1
mA
ICEV
Collector Cutoff Current
VCE= VCEV; VBE=-1.5V
VCE= VCEV; VBE=-1.5V;TC=100℃
0.2
1
mA
IEBO
Emitter Cutoff Current
VEB= 5V; IC= 0
1
mA
Switching Times
tS
Storage Time
IC= 20A ;IB1=-IB2= 4A;
VCC= 50V;Vclamp =450V
VBB=-5V;RBB=0.62Ω
LC=0.12mH,Tj=100℃
4.5
μ
s
tf
Fall Time
0.4
μ
s
tc
Crossover Time
0.7
μ
s
*Pulse:pulse duration=300us,duty cycle=1.5%



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com