Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUX348 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BUX348
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BUX348 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BUX348 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BUX348 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2
isc Silicon NPN Power Transistor
BUX348
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS) Collector-Emitter Sustaining Voltage
IC= 50mA ; IB= 0
450
V
VEBO
Emitter-Base Voltage
IE = 10 mA
7
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 30A ;IB= 6A
IC= 30A ;IB= 6A; Tj = 100 oC
0.9
2
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 30A ;IB= 6A
IC= 30A ;IB= 6A; Tj = 100 oC
1.5
1.5
V
ICBO
Collector Cutoff Current
VCB=850V; IE= 0
VCB=850V; IE= 0 TC=100℃
0.4
2
mA
IEBO
Emitter Cutoff Current
VEB= 5V; IC= 0
2
mA
Pulsed: Pulse duration = 300 ms, duty cycle = 2 %
Switching Times
ts
Storage Time
VCC = 50 V
VClamp = 450 V
IC = 30 A
IB1 = 6 A
VBB = -5 V
LC = 80 µH
RBB = 0.4 Ω Tj = 100 oC
4.5
μ
s
tf
Fall Time
0.4
μ
s
tc
Crossover Time
0.7
μ
s



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com