Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BDS18 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BDS18
Description  isc Silicon PNP Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BDS18 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BDS18 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BDS18 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2
isc Silicon PNP Power Transistor
BDS18
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC= -50mA;Ib=0
-120
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= -0.5A; IB= -0.05A
-0.4
V
VBE(on)
Base - Emitter voltage
Ic= –0.5A ;Vce= –2V
-1.0
V
ICBO
Collector Cutoff Current
VCB= -120V ; IE=0
-20
μ
A
ICEO
Collector Cutoff Current
VCE= -60V ; IB=0
0.1
mA
IEBO
Emitter Cutoff Current
VEB= -5V; IC=0
-10
μ
A
hFE
DC Current Gain
IC= -4A ; VCE= -2V
40
250
fT
Transition frequency
Ic= –0.5A Vce= –4V
F = 20MHz
30
MHZ
Switching times
ton
Turn-on Time
IC= -2.0A ,
IB1= -IB2= -0.2A,VCC≈-80V
0.5
μ
s
tstg
Storage Time
1.5
μ
s
tf
Fall Time
0.3
μ
s



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com