Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILCX21 Datasheet(PDF) 1 Page - ILSI America LLC

Part # ILCX21
Description  Compatible with Leadfree Processing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILSI [ILSI America LLC]
Direct Link  http://www.ilsiamerica.com
Logo ILSI - ILSI America LLC

ILCX21 Datasheet(HTML) 1 Page - ILSI America LLC

  ILCX21 Datasheet HTML 1Page - ILSI America LLC ILCX21 Datasheet HTML 2Page - ILSI America LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4 Pad Ceramic Package Quartz Crystal, 1.0 mm x 1.2 mm
ILCX21 Series
ILSI America Phone 775-851-8880 ● Fax 775-851-8882 ●email: e-mail@ilsiamerica.com ●
www.ilsiamerica.com
Specifications subject to change without notice
Rev: 01/20/16_A
Page 1 of 2
Product Features:
Applications:
Low Cost SMD Package
Fibre Channel
Ultra Miniature Package
Server & Storage
Compatible with Leadfree Processing
Sonet /SDH
802.11 / Wifi
T1/E1, T3/E3
IOT
* Not available at all frequencies. ** Not available for all temperature ranges.
Frequency
36 MHz to 80 MHz (Contact Sales Representative for
developed frequencies)
ESR (Equivalent Series Resistance)
36.0 MHz – 40.0 MHz
40.0 MHz – 48.0 MHz
48.0 MHz – 80.0 MHz
150 Max.
80 Max.
60 Max.
Shunt Capacitance (C0)
3.0 pF Max.
Frequency Tolerance @ 25
 C
30 ppm Standard (see Part Number Guide for more options)
Frequency Stability over
Temperature
50 ppm Standard (see Part Number Guide for more options)
Crystal Cut
AT Cut
Load Capacitance
6 pF Standard
Drive Level
100 µW Max.
Aging
3 ppm Max. / Year Standard
Temperature
Operating
-20
 C to +70 C (see Part Number Guide for more options)
Storage
-40
 C to +85 C
Part Number Guide
Sample Part Number:
ILCX21 - FB1F6 - 37.400
Package
Tolerance
(ppm) at Room
Temperature
Stability
(ppm) over Operating
Temperature
Operating
Temperature Range
Mode
(overtone)
Load Capacitance
(pF)
Frequency
ILCX21 -
B = ±50 ppm
B = ±50 ppm
0 = 0°C to +50°C
F = Fundamental
6 pF Standard
Or Specify
- 37.400 MHz
F = ±30 ppm
F = ±30 ppm**
1 = 0°C to +70°C
G = ±25 ppm
G = ±25 ppm**
2 = -10°C to +60°C
H = ±20 ppm
H = ±20 ppm**
3 = -20°C to +70°C
I = ±15 ppm
I = ±15 ppm**
5 = -40°C to +85°C
J = ±10 ppm*
J = ±10 ppm**
9 = -10°C to +50°C


Similar Part No. - ILCX21

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
ILCX20 ILSI-ILCX20 Datasheet
46Kb / 2P
4 Pad Ceramic Package Quartz Crystal, 1.2 mm x 1.6 mm
ILCX20-BB0F18-20.000 ILSI-ILCX20-BB0F18-20.000 Datasheet
46Kb / 2P
4 Pad Ceramic Package Quartz Crystal, 1.2 mm x 1.6 mm
ILCX20-BB1F18-20.000 ILSI-ILCX20-BB1F18-20.000 Datasheet
46Kb / 2P
4 Pad Ceramic Package Quartz Crystal, 1.2 mm x 1.6 mm
ILCX20-BB2F18-20.000 ILSI-ILCX20-BB2F18-20.000 Datasheet
46Kb / 2P
4 Pad Ceramic Package Quartz Crystal, 1.2 mm x 1.6 mm
ILCX20-BB3F18-20.000 ILSI-ILCX20-BB3F18-20.000 Datasheet
46Kb / 2P
4 Pad Ceramic Package Quartz Crystal, 1.2 mm x 1.6 mm
More results

Similar Description - ILCX21

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1830 NEC-UPC1830 Datasheet
338Kb / 44P
FILTER-CONTAINING VIDEO CHROMA, SYNCHRONIZING SIGNAL PROCESSING LSI COMPATIBLE WITH NTSC/PAL SYSTEM
UPC1851B NEC-UPC1851B Datasheet
447Kb / 60P
I2C BUS-COMPATIBLE US MTS PROCESSING LSI
UPC1854A NEC-UPC1854A Datasheet
251Kb / 48P
I2C BUS-COMPATIBLE US MTS PROCESSING LSI
logo
KODENSHI_AUK CORP.
PIC-0103 KODENSHI-PIC-0103 Datasheet
165Kb / 2P
Photo IC(photodiode with signal processing)
PIC-0903 KODENSHI-PIC-0903 Datasheet
145Kb / 2P
Photo IC(photodiode with signal processing)?
PIC-1503 KODENSHI-PIC-1503 Datasheet
141Kb / 2P
Photo IC(photodiode with signal processing)?
logo
PerkinElmer Optoelectro...
A2TPMI PERKINELMER-A2TPMI Datasheet
316Kb / 21P
Thermopile with integrated signal processing circuit
logo
Hamamatsu Corporation
C8799 HAMAMATSU-C8799_07 Datasheet
143Kb / 4P
Data processing unit with USB interface
logo
Sanyo Semicon Device
LA76922M SANYO-LA76922M Datasheet
141Kb / 3P
Signal-Processing IC with Integrated Microcontroller
logo
ILSI America LLC
UM1 ILSI-UM1 Datasheet
55Kb / 2P
Compatible with Leadfree Processing
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com