Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IM821 Datasheet(PDF) 1 Page - ILSI America LLC

Part # IM821
Description  Fast delivery times
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILSI [ILSI America LLC]
Direct Link  http://www.ilsiamerica.com
Logo ILSI - ILSI America LLC

IM821 Datasheet(HTML) 1 Page - ILSI America LLC

  IM821 Datasheet HTML 1Page - ILSI America LLC IM821 Datasheet HTML 2Page - ILSI America LLC IM821 Datasheet HTML 3Page - ILSI America LLC IM821 Datasheet HTML 4Page - ILSI America LLC IM821 Datasheet HTML 5Page - ILSI America LLC IM821 Datasheet HTML 6Page - ILSI America LLC IM821 Datasheet HTML 7Page - ILSI America LLC IM821 Datasheet HTML 8Page - ILSI America LLC IM821 Datasheet HTML 9Page - ILSI America LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MEMS Oscillator, High Temperature, LVCMOS/HCMOS Compatible, 115.19401 MHz to 137.000MHz
IM821 Series
ILSI America Phone 775-851-8880 ● Fax 775-851-8882 ●email: e-mail@ilsiamerica.com ●
www.ilsiamerica.com
Specifications subject to change without notice
Rev 01/30/16_A
Page 1 of 9
Features:
MEMS Technology
Direct pin to pin drop-in replacement for industry-standard packages
LVCMOS/HCMOS Compatible Output
Industry-standard package 2.0 x1.6, 2.5 x 2.0, 3.2 x 2.5, and 5.0 x 3.2 mm x mm
Pb-free, RoHS and REACH compliant
Fast delivery times
Typical Applications:
Fibre Channel
Server and Storage
GPON, EPON
100M / 1G /10G Ethernet
Electronic Specifications:
Frequency Range
115.194001 MHz to 137.000MHz
Frequency Stability
See Part Number Guide
Inclusive of Initial Tolerance, Operating Temperature Range, Load, Voltage,
and Aging
Operating Temperature
See Part Number Guide
Supply Voltage (Vdd) ±10%
See Part Number Guide
Current Consumption
6.2 mA typ./ 8.0 mA max
5.4 mA typ./ 7.0 mA max
4.9 mA typ./ 6.0 mA max
No load condition, F = 125 MHz, Vdd = +2.8 V, +3.0 V or +3.3 V
No load condition, F = 125 MHz, Vdd = +2.5 V
No load condition, F = 125 MHz, Vdd = +1.8 V
OE Disable Current
4.7 mA max
4.5 mA max
Vdd = +2.5 V, or +3.3 V, OE = Low, output is high Z state
Vdd = +1.8 V, OE = Low, output is high Z state
Standby Current
2.6 µA typ./ 8.5 µA max
1.4 µA typ./ 5.5 µA max
0.6 µA typ./ 4.0 µA max
Vdd = +2.8 V to 3.3 V,
ST = low
Vdd = +2.5 V,
ST = Low
Vdd = +1.8 V,
ST = Low
Waveform Output
LVCMOS/HCMOS
Symmetry
45%/55%
50% of waveform
Rise / Fall Time
1.0 nSec typ./ 2.0 nSec max
1.3 nSec typ./ 2.5 nSec max
Vdd = +2.5 V, +2.8 V, 3.0 V or 3.3 V from 20% to 80% of waveform
Vdd = +1.8 V, from 20% to 80% of waveform
Logic “1”
90% of Vdd min
Logic “0”
10% of Vdd max
Input Voltage High
70% of Vdd min
Pin 1, OE or
ST
Input Voltage Low
30% of Vdd max
Pin 1, OE or
ST
Input Pull-up Impedance
50 kΩ min / 87 kΩ typ./ 150 kΩ max
2.0 MΩ min
Pin 1, OE logic high or logic low, or
ST logic high
Pin 1,
ST logic low
Startup Time
5 mSec max
Measured from the time Vdd reaches its rated minimum values
Enable/Disable Time
130 nSec max
F = 115.194001 MHz, For other frequencies, T_oe = 100 nSec + 3 * clock
periods
Resume Time
5 mSec max
Measured from the time
ST pin crosses 50% threshold.
RMS Period Time
1.6 pSec typ./ 2.5 pSec max
1.8 pSec typ./ 3.0 pSec max
F = 125 MHz, Vdd = +2.5 V, +2.8 V, +3.0 V or +3.3 V
F = 125 MHz, Vdd = +1.8 V
Peak-to-Peak Period Jitter
12 pSec typ./ 20 pSec max
14 pSec typ./ 30 pSec max,
F = 125 MHz, Vdd = +2.5 V, +2.8 V, +3.0 V or +3.3 V
F = 125 MHz, Vdd = +1.8 V
RMS Period Time (random)
0.5 pSec typ./ 0.8 pSec max,
1.3 pSec typ./ 2.0 pSec max,
F = 125 MHz, Integration bandwidth = 900 kHz to 7.5 MHz
F = 125 MHz, Integration bandwidth = 12.0 kHz to 20.0 MHz
Notes:
All min and max limits are specified over temperature and rated operating voltage with 15pF output unless otherwise stated.
Typical values are at +25ºC and nominal supply voltage.


Similar Part No. - IM821

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
IM821B ILSI-IM821B Datasheet
794Kb / 9P
Pb-free, RoHS and REACH compliant
IM821C ILSI-IM821C Datasheet
794Kb / 9P
Pb-free, RoHS and REACH compliant
IM821D ILSI-IM821D Datasheet
794Kb / 9P
Pb-free, RoHS and REACH compliant
IM821E ILSI-IM821E Datasheet
794Kb / 9P
Pb-free, RoHS and REACH compliant
More results

Similar Description - IM821

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC78840M SANYO-LC78840M Datasheet
229Kb / 11P
Four-times or Eight-times Oversampling Digital Filter
logo
Texas Instruments
SN65HVD255 TI1-SN65HVD255 Datasheet
647Kb / 21P
CAN Transceiver with Fast Loop Times for Highly Loaded Networks
logo
GETAI ELECTRONICS DEVIC...
UX-FOB GETEDZ-UX-FOB Datasheet
130Kb / 1P
High Voltage Power Diodes provide fast recovery times
logo
Pasternack Enterprises,...
EZ-400-TM-X PASTERNACK-EZ-400-TM-X Datasheet
86Kb / 1P
times microwave system
logo
Texas Instruments
LM306 TI1-LM306_14 Datasheet
313Kb / 15P
Fast Response Times Improved Gain and Accuracy
logo
XFMRS Inc.
3010 XFMRS-3010_15 Datasheet
32Kb / 2P
SHORT LEAD TIMES
logo
Micross Components
AS8SLC128K32 MICROSS-AS8SLC128K32 Datasheet
141Kb / 10P
Fast Access Times of 10 to 25ns
logo
Everlight Electronics C...
EAPDLP04SCAA2 EVERLIGHT-EAPDLP04SCAA2 Datasheet
317Kb / 6P
Fast response times
logo
SHENZHEN FUMAN ELECTRON...
XPD618A FUMAN-XPD618A Datasheet
659Kb / 7P
USB Power Delivery Controller
logo
List of Unclassifed Man...
TC-240-NMH-X ETC1-TC-240-NMH-X Datasheet
57Kb / 1P
TIMES MICTOWAVE SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com