Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IM841C Datasheet(PDF) 2 Page - ILSI America LLC

Part # IM841C
Description  Direct pin to pin drop-in replacement for industry-standard packages
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILSI [ILSI America LLC]
Direct Link  http://www.ilsiamerica.com
Logo ILSI - ILSI America LLC

IM841C Datasheet(HTML) 2 Page - ILSI America LLC

  IM841C Datasheet HTML 1Page - ILSI America LLC IM841C Datasheet HTML 2Page - ILSI America LLC IM841C Datasheet HTML 3Page - ILSI America LLC IM841C Datasheet HTML 4Page - ILSI America LLC IM841C Datasheet HTML 5Page - ILSI America LLC IM841C Datasheet HTML 6Page - ILSI America LLC IM841C Datasheet HTML 7Page - ILSI America LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Mems Oscillator, High Performance Differential Oscillator, LVPECL and LVDS 220.00 MHz to 625.00MHz
IM841 Series
ILSI America Phone 775-851-8880 ● Fax 775-851-8882 ●email: e-mail@ilsiamerica.com ●
www.ilsiamerica.com
Specifications subject to change without notice
Rev 02/15/16_A
Page 2 of 7
Ordering Information:
Part Number Guide
Packages
Input
Voltage
Operating
Temperature
Stability
(ppm)
Output
Select Function
Frequency
IM841B – 5.0 x 3.2
IM841C – 3.2 x 2.5
6 = +2.5 V
3 = +3.3 V
1 = 0ºC to +70ºC
2 = -40ºC to +85ºC
3 = -20ºC to +70ºC
E = ±10
F = ±20
A = ±25
Z = ±30
B = ±50
8 = LVDS
9 = LVPECL
H = Tri-state
S = Standby
-
Frequency
Sample Part Number: IM841C-62F9S-100.0000MHz
This 100.0000 MHz oscillator in a 3.2 x 2.5 package with stability ±20 ppm from -40ºC to +85ºC using a supply voltage of +2.5 V. With an output
waveform of LCPECL and Pin 1 functioning as Standby
Sample Part Number: IM841B-33Z8H-150.0000MHz
This 150.0000 MHz oscillator in a 5.0 x 3.2 package with stability ±30 ppm from -20ºC to +70ºC using a supply voltage of +3.3 V. With an output
waveform of LVDS and Pin 1 functioning as Tri-state.
Notes:
Not all options are available at all frequencies and temperatures ranges.
Please consult with sales department for any other parameters or options.
Oscillator specification subject to change without notice.
Absolute Maximum Limits
Storage Temperature
-65ºC to +150ºC
Supply Voltage (Vdd)
-0.5 VDC to 4.0 VDC
Electrostatic Discharge
2000 V max
Solder Temperature (follow standard Pb free soldering guidelines)
260ºC max
Junction Temperature
150ºC max



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com