Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

189LMB025M2DF Datasheet(PDF) 3 Page - Illinois Capacitor, Inc.

Part # 189LMB025M2DF
Description  Multiple Case Sizes - High Voltage ??High Current
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

189LMB025M2DF Datasheet(HTML) 3 Page - Illinois Capacitor, Inc.

  189LMB025M2DF Datasheet HTML 1Page - Illinois Capacitor, Inc. 189LMB025M2DF Datasheet HTML 2Page - Illinois Capacitor, Inc. 189LMB025M2DF Datasheet HTML 3Page - Illinois Capacitor, Inc. 189LMB025M2DF Datasheet HTML 4Page - Illinois Capacitor, Inc. 189LMB025M2DF Datasheet HTML 5Page - Illinois Capacitor, Inc. 189LMB025M2DF Datasheet HTML 6Page - Illinois Capacitor, Inc. 189LMB025M2DF Datasheet HTML 7Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LMB
+105°C, Extended life, 3000
hours
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Maximum
RMS Ripple
Current (A)
120 Hz,
+105°C
Dims DxL
(mm)
47
450
476LMB450M2AC 8818.43
0.39
20x25
47
450
476LMB450M2BC 5291.06
0.39
22x25
56
400
566LMB400M2AC 7401.18
0.51
20x25
56
450
566LMB450M2AD 7401.18
0.46
20x30
56
450
566LMB450M2BC 7401.18
0.5
22x25
68
350
686LMB350M2AC 6095.09
0.47
20x25
68
400
686LMB400M2AD 6095.09
0.56
20x30
68
400
686LMB400M2BC 6095.09
0.53
22x25
68
450
686LMB450M2BD 6095.09
0.54
22x30
68
450
686LMB450M2CC 6095.09
0.5
25x25
68
450
686LMB450M2AE 6095.09
0.56
20x35
82
350
826LMB350M2AD 5054.46
0.54
20x30
82
350
826LMB350M2BC 5054.46
0.43
22x25
82
400
826LMB400M2BD 5054.46
0.56
22x30
82
400
826LMB400M2CC 5054.46
0.56
25x25
82
400
826LMB400M2AD 5054.46
0.64
20x30
82
400
826LMB400M2BC 5054.46
0.64
22x25
82
450
826LMB450M2AE 5054.46
0.64
20x35
82
450
826LMB450M2BD 5054.46
0.64
22x30
82
450
826LMB450M2CC 5054.46
0.64
25x25
82
450
826LMB450M2BE 5054.46
0.61
22x35
82
450
826LMB450M2CD 3032.68
0.6
25x30
100
350
107LMB350M2AD 4144.66
0.6
20x30
100
350
107LMB350M2BC 4144.66
0.69
22x25
100
350
107LMB350M2BD 4144.66
0.51
22x30
100
350
107LMB350M2CC 4144.66
0.51
25x25
100
400
107LMB400M2BD 4144.66
0.68
22x30
100
400
107LMB400M2CC 4144.66
0.68
25x25
100
400
107LMB400M2AE 4144.66
0.7
20x35
100
450
107LMB450M2BC 4144.66
0.69
22x25
100
450
107LMB450M2CC 4144.66
0.65
25x25
100
450
107LMB450M2BE 4144.66
0.69
22x35
100
450
107LMB450M2DC 4144.66
0.68
30x25
120
350
127LMB350M2AE 3453.88
0.68
20x35
120
350
127LMB350M2BD 3453.88
0.55
22x30
120
350
127LMB350M2CC 3453.88
0.55
25x25
120
400
127LMB400M2BE 3453.88
0.72
22x35
120
400
127LMB400M2CC 3453.88
0.73
25x25
120
400
127LMB400M2BF 3453.88
0.75
22x40
120
400
127LMB400M2CD 3453.88
0.76
25x30
120
450
127LMB450M2BF 3453.88
0.8
22x40
120
450
127LMB450M2BG 3453.88
0.8
22x45
120
450
127LMB450M2CE 3453.88
0.77
25x35
120
450
127LMB450M2CD 3453.88
0.8
25x30
120
450
127LMB450M2DC 3453.88
0.8
30x25
120
450
127LMB450M2DD 3453.88
0.8
30x30
120
450
127LMB450M2EC 3453.88
0.82
35x25
150
250
157LMB250M2AC 1657.86
0.79
20x25
150
350
157LMB350M2AF 2763.11
0.78
20x40
150
350
157LMB350M2BE 2763.11
0.66
22x35
150
350
157LMB350M2CD 2763.11
0.67
25x30
150
350
157LMB350M2DC 2763.11
0.69
30x25
150
400
157LMB400M2BF 2763.11
0.85
22x40
150
400
157LMB400M2CD 2763.11
0.85
25x30
150
400
157LMB400M2DC 2763.11
0.9
30x25
150
450
157LMB450M2CF 2763.11
0.96
25x40
150
450
157LMB450M2DE 2763.11
0.96
30x35
150
450
157LMB450M2ED 2763.11
0.99
35x30
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Maximum
RMS Ripple
Current (A)
120 Hz,
+105°C
Dims DxL
(mm)
150
450
157LMB450M2BG 2763.11
0.88
22x45
150
450
157LMB450M2CE 2763.11
0.88
25x35
150
450
157LMB450M2DD 2763.11
0.88
30x30
180
250
187LMB250M2AD 1381.55
0.9
20x30
180
250
187LMB250M2BC 1381.55
0.88
22x25
180
350
187LMB350M2CD 2302.59
0.92
25x30
180
350
187LMB350M2DC 2302.59
0.9
30x25
180
350
187LMB350M2BF 2302.59
0.77
22x40
180
350
187LMB350M2CE 2302.59
0.78
25x35
180
350
187LMB350M2DD 2302.59
0.82
30x30
180
400
187LMB400M2BG 2302.59
0.98
22x45
180
400
187LMB400M2CE 2302.59
1
25x35
180
400
187LMB400M2DD 2302.59
0.99
30x30
180
400
187LMB400M2EC 2302.59
1.01
35x25
180
450
187LMB450M2CF 2302.59
1.1
25x40
180
450
187LMB450M2DD 2302.59
1
30x30
180
450
187LMB450M2DE 2302.59
1.05
30x35
180
450
187LMB450M2ED 2302.59
1.08
35x30
220
200
227LMB200M2AC 1130.36
1
20x25
220
200
227LMB200M2BC 1130.36
0.97
22x25
220
250
227LMB250M2AE 1130.36
1
20x35
220
250
227LMB250M2BD 1130.36
1
22x30
220
250
227LMB250M2BC
753.6
0.94
22x25
220
250
227LMB250M2CC 1130.36
0.91
25x25
220
350
227LMB350M2CF 1130.36
0.91
25x40
220
350
227LMB350M2DD 2302.59
0.9
30x30
220
350
227LMB350M2EC 2302.59
0.92
35x25
220
350
227LMB350M2BG 2302.59
1.05
22x45
220
350
227LMB350M2CE 2302.59
1.04
25x35
220
400
227LMB400M2BH 2302.59
1.1
22x50
220
400
227LMB400M2CF 2302.59
1.15
25x40
220
400
227LMB400M2DD 2302.59
1.1
30x30
220
400
227LMB400M2EC 2302.59
1.1
35x25
220
450
227LMB450M2CG 2302.59
1.12
25x45
220
450
227LMB450M2ED 2302.59
1.12
35x30
220
450
227LMB450M2DE 2302.59
1.22
30x35
220
450
227LMB450M2EE 2302.59
1.27
35x35
270
160
277LMB160M2AC 921.036
1.1
20x25
270
200
277LMB200M2AD 921.036
1.1
20x30
270
200
277LMB200M2BC 921.036
1.04
22x25
270
250
277LMB250M2AF 921.036
1.1
20x40
270
250
277LMB250M2CD 921.036
1.27
25x30
270
250
277LMB250M2BE 921.036
1.13
22x35
270
250
277LMB250M2CC 921.036
1.11
25x25
270
350
277LMB350M2CG 1535.06
1.07
25x45
270
350
277LMB350M2DE 1535.06
1.06
30x35
270
350
277LMB350M2ED 1535.06
1.1
35x30
270
350
277LMB350M2BH 1535.06
1.16
22x50
270
350
277LMB350M2CF 1535.06
1.18
25x40
270
350
277LMB350M2DD 1535.06
1.17
30x30
270
350
277LMB350M2EC 1535.06
1.17
35x25
270
400
277LMB400M2CH 1535.06
1.29
25x50
270
400
277LMB400M2CG 1535.06
1.3
25x45
270
400
277LMB400M2DE 1535.06
1.26
30x35
270
400
277LMB400M2ED 1535.06
1.27
35x30
270
450
277LMB450M2DF 1535.06
1.28
30x40
270
450
277LMB450M2EE 1535.06
1.49
35x35
270
450
277LMB450M2DG 1535.06
1.48
30x45



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com