Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1577 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1577
Description  SIMPLE SWITCHER Step-Up Voltage Regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1577 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LM1577 Datasheet HTML 12Page - National Semiconductor (TI) LM1577 Datasheet HTML 13Page - National Semiconductor (TI) LM1577 Datasheet HTML 14Page - National Semiconductor (TI) LM1577 Datasheet HTML 15Page - National Semiconductor (TI) LM1577 Datasheet HTML 16Page - National Semiconductor (TI) LM1577 Datasheet HTML 17Page - National Semiconductor (TI) LM1577 Datasheet HTML 18Page - National Semiconductor (TI) LM1577 Datasheet HTML 19Page - National Semiconductor (TI) LM1577 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
Application Hints (Continued)
2. Compensation Network (R
C,CC) and Output Capacitor
(C
OUT) Selection
R
C and CC form a pole-zero compensation network that sta-
bilizes the regulator. The values of R
C and CC are mainly de-
pendant on the regulator voltage gain, I
LOAD(max), L and
C
OUT. The following procedure calculates values for RC,CC,
and C
OUT that ensure regulator stability. Be aware that this
procedure doesn’t necessarily result in R
C and CC that pro-
vide optimum compensation. In order to guarantee optimum
compensation, one of the standard procedures for testing
loop stability must be used, such as measuring V
OUT tran-
sient response when pulsing I
LOAD (see Figure 15).
A.
First, calculate the maximum value for RC.
Select a resistor less than or equal to this value, and it
should also be no greater than 3 k
Ω.
B.
Calculate the minimum value for C
OUT using the following
two equations.
The larger of these two values is the minimum value that en-
sures stability.
C.
Calculate the minimum value of CC .
The compensation capacitor is also part of the soft start cir-
cuitry. When power to the regulator is turned on, the switch
duty cycle is allowed to rise at a rate controlled by this ca-
pacitor (with no control on the duty cycle, it would immedi-
ately rise to 90%, drawing huge currents from the input
power supply). In order to operate properly, the soft start cir-
cuit requires C
C ≥ 0.22 µF.
The value of the output filter capacitor is normally large
enough to require the use of aluminum electrolytic capaci-
tors.
Figure 11 lists several different types that are recom-
mended for switching regulators, and the following param-
eters are used to select the proper capacitor.
Working Voltage (WVDC): Choose a capacitor with a work-
ing voltage at least 20% higher than the regulator output volt-
age.
Ripple Current: This is the maximum RMS value of current
that charges the capacitor during each switching cycle. For
step-up and flyback regulators, the formula for ripple current
is
Choose a capacitor that is rated at least 50% higher than this
value at 52 kHz.
Equivalent Series Resistance (ESR) : This is the primary
cause of output ripple voltage, and it also affects the values
of R
C and CC needed to stabilize the regulator. As a result,
the preceding calculations for C
C and RC are only valid if
ESR doesn’t exceed the maximum value specified by the fol-
lowing equations.
Select a capacitor with ESR, at 52 kHz, that is less than or
equal to the lower value calculated. Most electrolytic capaci-
tors specify ESR at 120 Hz which is 15% to 30% higher than
at 52 kHz. Also, be aware that ESR increases by a factor of
2 when operating at −20˚C.
In general, low values of ESR are achieved by using large
value capacitors (C
≥ 470 µF), and capacitors with high
WVDC, or by paralleling smaller-value capacitors.
Inductor
Manufacturer’s Part Number
Code
Schott
Pulse
Renco
L47
67126980
PE - 53112
RL2442
L68
67126990
PE - 92114
RL2443
L100
67127000
PE - 92108
RL2444
L150
67127010
PE - 53113
RL1954
L220
67127020
PE - 52626
RL1953
L330
67127030
PE - 52627
RL1952
L470
67127040
PE - 53114
RL1951
L680
67127050
PE - 52629
RL1950
H150
67127060
PE - 53115
RL2445
H220
67127070
PE - 53116
RL2446
H330
67127080
PE - 53117
RL2447
H470
67127090
PE - 53118
RL1961
H680
67127100
PE - 53119
RL1960
H1000
67127110
PE - 53120
RL1959
H1500
67127120
PE - 53121
RL1958
H2200
67127130
PE - 53122
RL2448
Schott Corp., (612) 475-1173
1000 Parkers Lake Rd., Wayzata, MN 55391
Pulse Engineering, (619) 268-2400
P.O. Box 12235, San Diego, CA 92112
Renco Electronics Inc., (516) 586-5566
60 Jeffryn Blvd. East, Deer Park, NY 11729
FIGURE 10. Table of Standardized Inductors and
Manufacturer’s Part Numbers
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com