Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTS503-M Datasheet(PDF) 3 Page - Artesyn Technologies

Part # NTS503-M
Description  Active power factor correction
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

NTS503-M Datasheet(HTML) 3 Page - Artesyn Technologies

  NTS503-M Datasheet HTML 1Page - Artesyn Technologies NTS503-M Datasheet HTML 2Page - Artesyn Technologies NTS503-M Datasheet HTML 3Page - Artesyn Technologies NTS503-M Datasheet HTML 4Page - Artesyn Technologies NTS503-M Datasheet HTML 5Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NTS500-M Series Data Sheet
Adjustment Potentiometers
P1
+V1 Output adjust
Mating Connectors
SK4,5,6
Molex 19141-0058
SK7 Control Molex 90142-0010
signals
PINS: 90119-2110
Amp: 87977-3
PINS: 87309-8
*Landwin: 2580S1003
PINS: 2583T011R
SK8
JST PHR-2
Pins: SPH-002T-PO.5S
CN403
JST PHDR-10VS
Pins: JST SPHD-002T-P0.5 L/P
*Landwin 2050 S1000
Pins: 2053T011P
* Where available
Artesyn Connector Kit #70-841-024 includes
all of the above (Molex for SK7)
Pin Assignments
Connector
CN1
PIN 1 Line
PIN 3 Neutral
PIN 5 Ground
SK7
PIN 1 V1 SWP
PIN 2 - Remote Sense
PIN 3 + Remote Sense
PIN 4 5VSB (standby)
PIN 5 5VSB return
PIN 6 +12V
PIN 7 Common
PIN 8 Inhibit
PIN 9 DC power good (DC OK)
PIN 10 Power Fail (POK)
SK8
PIN 1 +12 V Fan
PIN 2 Common
1
5
610
Pin Assignments
Connector
CN403
PIN 1 5 V_I2C
PIN 2 Ground
PIN 3 A2
PIN 4 A0
PIN 5 SVCC2_OR
PIN 6 I2C_SDA
PIN 7 I2C_SLC
PIN 8 A1
PIN 9 N/C
PIN 10 +12 V_RTN_CTRL
1
5
10
6
Notes:
1. Specifications subject to change without notice.
2. All dimensions in inches (mm), tolerance is ± 0.2”.
3. Specifications are at factory settings
4. Mounting maximum insertion depth is 0.12”.
5. Warranty: 2 year
6. Weight: NTS50X-M - 1.66 lbs/0.75 kg
NTS50X-M-CF - 2.00 lbs/0.9 kg
NTS50X-M-CEF - 2.26 lbs/1.03 kg



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com