Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC72-2.8MUATR Datasheet(PDF) 25 Page - Microchip Technology

Part # TC72-2.8MUATR
Description  Digital Temperature Sensor with SPI Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC72-2.8MUATR Datasheet(HTML) 25 Page - Microchip Technology

Back Button TC72-2.8MUATR Datasheet HTML 20Page - Microchip Technology TC72-2.8MUATR Datasheet HTML 21Page - Microchip Technology TC72-2.8MUATR Datasheet HTML 22Page - Microchip Technology TC72-2.8MUATR Datasheet HTML 23Page - Microchip Technology TC72-2.8MUATR Datasheet HTML 24Page - Microchip Technology TC72-2.8MUATR Datasheet HTML 25Page - Microchip Technology TC72-2.8MUATR Datasheet HTML 26Page - Microchip Technology TC72-2.8MUATR Datasheet HTML 27Page - Microchip Technology TC72-2.8MUATR Datasheet HTML 28Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
© 2011 Microchip Technology Inc.
DS21743B-page 25
TC72
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
/XX
XX
Voltage
Package
Temperature
Range
Device
Device:
TC72: Digital Temperature Sensor w/SPI Interface
Voltage Range:
2.8
= Accuracy Optimized for 2.8V
3.3
= Accuracy Optimized for 3.3V
5.0
= Accuracy Optimized for 5.0V
Temperature Range:
M
=-55°C to +125°C
Package:
MF
= Dual, Flat, No Lead (DFN) (3x3mm), 8-lead
MFTR = Dual, Flat, No Lead (DFN) (3x3mm), 8-lead
(Tape and Reel)
UA
= Plastic Micro Small Outline (MSOP), 8-lead
UATR
= Plastic Micro Small Outline (MSOP), 8-lead
(Tape and Reel)
Examples:
a)
TC72-2.8MUA:
Digital Temperature Sensor,
2.8V, 8LD MSOP package.
b)
TC72-2.8MUATR:
Digital Temperature Sensor,
2.8V, 8LD MSOP
(tape and reel) package.
c)
TC72-2.8MMF:
Digital Temperature Sensor,
2.8V, 8LD DFN package.
d)
TC72-3.3MUA:
Digital Temperature Sensor,
3.3V, 8LD MSOP package.
e)
TC72-3.3MMF:
Digital Temperature Sensor,
3.3V, 8LD DFN package.
f)
TC72-5.0MUA:
Digital Temperature Sensor,
5.0V, 8LD MSOP package.
g)
TC72-5.0MMF:
Digital Temperature Sensor,
5.0V, 8LD DFN package.
h)
TC72-5.0MMFTR:
Digital Temperature Sensor,
5.0V, 8LD DFN (tape and
reel) package.
Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com