Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC72-3.3MMF Datasheet(PDF) 17 Page - Microchip Technology

Part # TC72-3.3MMF
Description  Digital Temperature Sensor with SPI Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC72-3.3MMF Datasheet(HTML) 17 Page - Microchip Technology

Back Button TC72-3.3MMF Datasheet HTML 13Page - Microchip Technology TC72-3.3MMF Datasheet HTML 14Page - Microchip Technology TC72-3.3MMF Datasheet HTML 15Page - Microchip Technology TC72-3.3MMF Datasheet HTML 16Page - Microchip Technology TC72-3.3MMF Datasheet HTML 17Page - Microchip Technology TC72-3.3MMF Datasheet HTML 18Page - Microchip Technology TC72-3.3MMF Datasheet HTML 19Page - Microchip Technology TC72-3.3MMF Datasheet HTML 20Page - Microchip Technology TC72-3.3MMF Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
© 2011 Microchip Technology Inc.
DS21743B-page 17
TC72
6.0
APPLICATIONS INFORMATION
The TC72 does not require any additional components
in order to measure temperature; however, it is
recommended that a decoupling capacitor of 0.1mF to
1mF be provided between the VDD and GND pins.
Although the current consumption of the TC72 is
modest (250 mA, typical), the TC72 contains an on
chip data acquisition with internal digital switching
circuitry. Thus, it is considered good design practice to
use an external decoupling capacitor with the sensor. A
high frequency ceramic capacitor should be used and
be located as close as possible to the IC power pins in
order to provide effective noise protection to the TC72.
The TC72 measures temperature by monitoring the
voltage of a diode located on the IC die. The IC pins of
the TC72 provide a low impedance thermal path
between the die and the PCB, allowing the TC72 to
effectively monitor the temperature of the PCB board.
The thermal path between the ambient air is not as
efficient because the plastic IC housing package
functions as a thermal insulator. Thus, the ambient air
temperature (assuming that a large temperature
gradient exists between the air and PCB) has only a
small effect on the temperature measured by the TC72.
Note that the exposed metal center pad on the bottom
of the DFN package is connected to the silicon
substrate. The center pad should be connected to
either the PCB ground plane or treated as a “No
Connect” pin. The mechanical dimensions of the center
pad
are
given
in
Section 7.0
“Packaging
Information” of this data sheet.
A potential for self-heating errors can exist if the TC72
SPI communication lines are heavily loaded. Typically,
the self-heating error is negligible because of the
relatively small current consumption of the TC72. A
temperature accuracy error of approximately +0.5°C
will result from self-heating if the SPI communication
pins sink/source the maximum current specified for the
TC72. Thus, to maximize temperature accuracy, the
output loading of the SPI signals should be minimized.
FIGURE 6-1:
Typical Application.
I/O
SCK
SDI
CE
SCK
SDO
TC72
0.1µF
VDD
GND
VDD
PICmicro®
MCU
SDO
SDI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com