Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC72-5.0MMFTR Datasheet(PDF) 13 Page - Microchip Technology

Part # TC72-5.0MMFTR
Description  Digital Temperature Sensor with SPI Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC72-5.0MMFTR Datasheet(HTML) 13 Page - Microchip Technology

Back Button TC72-5.0MMFTR Datasheet HTML 9Page - Microchip Technology TC72-5.0MMFTR Datasheet HTML 10Page - Microchip Technology TC72-5.0MMFTR Datasheet HTML 11Page - Microchip Technology TC72-5.0MMFTR Datasheet HTML 12Page - Microchip Technology TC72-5.0MMFTR Datasheet HTML 13Page - Microchip Technology TC72-5.0MMFTR Datasheet HTML 14Page - Microchip Technology TC72-5.0MMFTR Datasheet HTML 15Page - Microchip Technology TC72-5.0MMFTR Datasheet HTML 16Page - Microchip Technology TC72-5.0MMFTR Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
© 2011 Microchip Technology Inc.
DS21743B-page 13
TC72
TABLE 4-3:
OPERATIONAL MODES
4.4
Read Operation
The TC72 uses the CE, SCK and SDO lines to output
the Temperature and Control register data. Figure 4-3
shows a timing diagram of the read operation.
Communication is initiated by the chip enable (CE)
going high. The SDO line remains at the voltage level
of the LSb bit that is output and goes to the tri-state
level when the CE line goes to a logic low level.
4.5
Write Operation
Data is clocked into the Control register in order to
enable TC72’s power saving shutdown mode. The
write operation is shown in Figure 4-3 and is
accomplished using the CE, SCK and SDI lines.
FIGURE 4-2:
Serial Clock Polarity (CP)
Operation.
Mode
CE
SCK (Note 1)SDI
SDO
Disable
L
Input Disabled
Input Disabled
High Z
Write (A7 = 1)H
CP=1, Data Shifted on Falling Edge,
Data Clocked on Rising Edge
Data Bit Latch
High Z
CP=0, Data Shifted on Rising Edge,
Data Clocked on Falling Edge
Read (A7 = 0)H
CP=1, Data Shifted on Falling Edge,
Data Clocked on Rising Edge
X
Next data bit shift,
Note 2
CP=0, Data Shifted on Rising Edge,
Data Clocked on Falling Edge
Note 1:
CP is the Clock Polarity of the microcontroller system clock. If the inactive state of SCK is logic level high,
CP is equal to ‘1’; otherwise, if the inactive state of SCK is low, CP is equal to ‘0’.
2:
During a Read operation, SDO remains at a high impedance (High Z) level until the eight bits of data begin
to be shifted out of the Temperature register.
SHIFT
EDGE
CLOCK
EDGE
SHIFT
EDGE
CLOCK
EDGE
SCK
CE
CE
SCK
CP = 0
CP = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com